Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z85233 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z85233
Description  The Zilog SCC Serial Communication Controller
PDF  317 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z85233 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z85233 Datasheet HTML 9Page - Zilog, Inc. Z85233 Datasheet HTML 10Page - Zilog, Inc. Z85233 Datasheet HTML 11Page - Zilog, Inc. Z85233 Datasheet HTML 12Page - Zilog, Inc. Z85233 Datasheet HTML 13Page - Zilog, Inc. Z85233 Datasheet HTML 14Page - Zilog, Inc. Z85233 Datasheet HTML 15Page - Zilog, Inc. Z85233 Datasheet HTML 16Page - Zilog, Inc. Z85233 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 317 page
background image
SCC™/ESCC™ User’s Manual
General Description
1-3
1
The Z85C30 CMOS SCC has added new features, while
maintaining 100% hardware/software compatibility. It has
the following new features:
s
New programmable WR7' (write register 7 prime) to
enable new features.
s
Improvements to support SDLC mode of synchronous
communication:
–
Improved functionality to ease sending back-to
back frames
–
Automatic SDLC opening Flag transmission*
–
Automatic Tx Underrun/EOM Latch reset in SDLC
mode*
–
Automatic /RTS deactivation*
–
TxD pin forced “H” in SDLC NRZI mode after
closing flag*
–
Complete CRC reception*
–
Improved response to Abort sequence in status
FIFO
–
Automatic Tx CRC generator preset/reset
–
Extended read for write registers*
–
Write data setup timing improvement
s
Improved AC timing:
–
Three to 3.5 PCLK access recovery time.
–
Programmable /DTR//REQ timing*
–
Elimination of write data to falling edge of /WR
setup time requirement
–
Reduced /INT timing
s
Other features include:
–
Extended read function to read back the written
value to the write registers*
–
Latching RR0 during read
–
RR0, bit D7 and RR10, bit D6 now has reset
defaultvalue.
Some of the features listed above are available by de-
fault, and some of them (features with “*”) are disabled on
default.
ESCC (Enhanced SCC) is pin and software compati-
ble to the CMOS version, with the following additional
enhancements.
s
Deeper transmit FIFO (4 bytes)
s
Deeper receive FIFO (8 bytes)
s
Programmable FIFO interrupt and DMA request level
s
Seven enhancements to improve SDLC link layer
supports:
–
Automatic transmission of the opening flag
–
Automatic reset of Tx Underrun/EOM latch
–
Deactivation of /RTS pin after closing flag
–
Automatic CRC generator preset
–
Complete CRC reception
–
TxD pin automatically forced high with NRZI
encoding when using mark idle
–
Status FIFO handles better frames with an
ABORT
–
Receive FIFO automatically unlocked for special
receive interrupts when using the SDLC status
FIFO
s
Delayed
bus
latching
for
easier
microprocessor
interface
s
New programmable features added with Write Register
7' (WR seven prime)
s
Write registers 3, 4, 5 and 10 are now readable
s
Read register 0 latched during access
s
DPLL counter output available as jitter-free transmitter
clock source
s
Enhanced /DTR, /RTS deactivation timing
UM010901-0601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com