Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF640 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # MBRF640
Description  6.0 A SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

MBRF640 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  MBRF640 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MBRF640 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2

MBRF640 – MBRF6200
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
MBRF640 – MBRF6200
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
Fig.3- TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
40
10
8
6
4
2
1.0
.8
.6
.4
.2
.1
.5
.6
.7
.8
.9
1.0
1.1
1.2
50V~60V
80V~100V
150V~200V
40V~45V
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
120 140
10
1.0
0.1
.01
.001
0
20406080 100
O
TJ=100 C
O
J
T=75 C
O
J
T=25 C
O
CASE TEMPERATURE, C
10.0
8.0
4.0
0
2.0
6.0
0
20
40
60
80
100
120
140
160 180
= 150-200V
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
NO. OF CYCLE AT 60Hz
150
120
110
90
70
50
30
20
10
1
2
5
10
20
50
100
8.3ms Single
Half Since-Wave
JEDEC Method
= 40-100V
40-60V
80-200V
Alldatasheet



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com