Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS2321 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS2321
Description  P-Channel Elektronische Bauelemente Enhancement MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS2321 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMS2321 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS2321 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS2321 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMS2321
-2.9A, -20V, RDS(ON) 57 m
Ω
P-Channel Enhancement MOSFET
Elektronische Bauelemente
26-May-2016 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SOT-23
S21
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
TrenchFET power MOSFET
APPLICATIONS
PA switch
Load switch
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-20
V
Continuous Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
ID
-2.9
A
Pulsed Drain Current
IDM
-12
A
Continuous Source-Drain Diode Current
IS
-0.59
A
Maximum Power Dissipation
PD
0.35
W
Thermal Resistance from Junction to Ambient
R
θJA
357
°C/W
Junction and Storage Temperature Range
TJ, TSTG
150, -50~150
°C
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.10
G
0.09
0.18
B
2.10
2.65
H
0.35
0.65
C
1.20
1.40
J
0.08
0.20
D
0.89
1.17
K
0.6 REF.
E
1.78
2.04
L
0.95 BSC.
F
0.30
0.50
1
2
3


Similar Part No. - SMS2321

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS230 DIOTEC-SMS230 Datasheet
171Kb / 2P
Surface Mount Schottky-Rectifiers
logo
Semikron International
SMS230 SEMIKRON-SMS230 Datasheet
139Kb / 2P
Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
SMS230 DIOTEC-SMS230 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
logo
Semikron International
SMS230 SEMIKRON-SMS230 Datasheet
143Kb / 2P
Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
SMS230 DIOTEC-SMS230 Datasheet
112Kb / 2P
Surface Mount Schottky Rectifier Diodes
More results

Similar Description - SMS2321

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC546 SECOS-BC546 Datasheet
183Kb / 3P
Elektronische Bauelemente
BC556 SECOS-BC556_15 Datasheet
314Kb / 3P
Elektronische Bauelemente
BC846A SECOS-BC846A_15 Datasheet
307Kb / 3P
Elektronische Bauelemente
BC856A SECOS-BC856A_15 Datasheet
263Kb / 3P
Elektronische Bauelemente
BC856AW SECOS-BC856AW_15 Datasheet
449Kb / 5P
Elektronische Bauelemente
SID9575 SECOS-SID9575_15 Datasheet
1Mb / 4P
P-Channel Enhancement Elektronische Bauelemente Mode Power MOSFET
SMG2307PE SECOS-SMG2307PE_15 Datasheet
473Kb / 4P
P-Channel Elektronische Bauelemente Enhancement MOSFET
SSF1320N SECOS-SSF1320N_15 Datasheet
399Kb / 4P
N-Channel Enhancement Elektronische Bauelemente Mode MOSFET
SSA55H12J SECOS-SSA55H12J Datasheet
274Kb / 3P
N-Ch Enhancement Elektronische Bauelemente Mode Power MOSFET
SSG9435J-C SECOS-SSG9435J-C Datasheet
356Kb / 4P
P-Ch Enhancement Elektronische Bauelemente Mode Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com