Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS3407 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS3407
Description  P-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS3407 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMS3407 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS3407 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS3407 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SMS3407
-4.1A , -30V , RDS(ON) 60 mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode Power MOSFET
2-Oct-2015 Rev.A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Static
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0, ID= -250µA
Gate-Threshold Voltage
VGS(th)
-1
-1.4
-3
V
VDS=VGS, ID= -250µA
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±20V, VDS=0
Drain-Source Leakage Current
IDSS
-
-
-1
µA
VDS= -24V, VGS=0
Forward Tranconductance
1
gfs
5.5
-
-
S
VDS= -5V, ID= -4A
-
50
60
VGS= -10V, ID=-4.1A
Static Drain-Source On-Resistance
1
RDS(ON)
-
68
87
m
VGS= -4.5V, ID= -3A
Dynamic Parameters
2
Input Capacitance
Ciss
-
700
-
Output Capacitance
Coss
-
120
-
Reverse Transfer Capacitance
Crss
-
75
-
pF
VGS =0
VDS= -15V
f =1.0MHz
Switching Parameters
2
Turn-on Delay Time
Td(on)
-
8.6
-
Rise Time
Tr
-
5
-
Turn-off Delay Time
Td(off)
-
28.2
-
Fall Time
Tf
-
13.5
-
nS
VGS= -10V
VDS= -15V
RGEN=3
RL=3.6
Source-Drain Diode
Forward Voltage
1
VSD
-
-
-1
V
VGS =0, IS= -1A
Note:
1.
Pulse Test : Pulse width≦300µs, duty cycle≦2%.
2.
These parameters have no way to verify.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com