Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD04N60J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD04N60J
Description  N-Ch Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD04N60J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSD04N60J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD04N60J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD04N60J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SSD04N60J
4A , 600V , RDS(ON) 3
N-Ch Enhancement Mode Power MOSFET
4-Nov-2015 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test condition
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
600
-
-
V
VGS=0, ID=250µA
Drain-Source Diode Forward Voltage
2
VSD
-
-
1.5
V
VGS=0, IS=4A
Drain-Source Leakage Current
IDSS
-
-
25
µA
VDS=600V, VGS=0
Gate-Source Leakage Forward Current
2
IGSSF
-
-
100
nA
VDS=0V, VGS=30V
Gate-Source Leakage Reverse Current
2
IGSSR
-
-
-100
nA
VDS=0V, VGS= -30V
On Characteristics
2
Gate Threshold Voltage
VGS(th)
2
-
4
V
VDS=VGS, ID=250µA
Static Drain-Source On-Resistance
RDS(ON)
-
2
3
VGS=10V, ID=2A
Forward Transconductance
gfs
2
2.6
-
S
VDS=50V, ID=2A
Dynamic Characteristics
Input Capacitance
Ciss
-
540
-
Output Capacitance
Coss
-
125
-
Reverse Transfer Capacitance
Crss
-
8
-
pF
VDS=25V
VGS=0
f=1MHz
Switching Characteristics
Total Gate Charge
Qg
-
5
-
Gate-Source Charge
Qgs
-
2.7
-
Gate-Drain (“Miller”) Change
Qgd
-
2
-
nC
VDS=480V
VGS=10V
ID=4A
Turn-on Delay Time
Td(on)
-
12
-
Rise Time
Tr
-
7
-
Turn-off Delay Time
Td(off)
-
19
-
Fall Time
Tf
-
10
-
nS
VDD=300V
VGS=10V
RG=9.1
ID=4A
Notes:
1.
EAS condition : L=30mH, IL=4A, VDD=100V, VGS=10V, RG=25 , Starting TJ=25°C.
2.
Pulse Test : Pulse width≦300µs, duty cycle≦2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com