Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A2012
Description  DESIGN SHOWCASE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

A2012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
50ms/div
VOUT = 3.3V, COUT = 0pF, RL = 2kΩ
TIMING RELATIONSHIPS
VIN
VOUT
POWER FAIL
STBY
12
(
)
(
)
(
1)
( LBO )
SW1
(
)
(
)
POWER FAIL
( LBO
1)
50ms
(
2)
(house
keeping)
LBO
C1
R3
STBY
(1.15V)
IC
IC1
350mV
150mA
10µA
11.5V
EDN 3/16/95
POWER FAIL
S1
7
3, 6
VIN
C1
1
µF
R2
1M
R1
1k
R3
220k
GND
VREF
STBY
1
LBO
SET
2
LBI
OUT
8
LOW-BATTERY
COMPARATOR
ERROR
AMPLIFIER
R4
1M, 0.1%
R5
49.9k, 0.1%
R6
604k, 0.1%
IN
5
4
VOUT
3.3V
IC1
MAX882
DESIGN SHOWCASE
1
S1
2
1
3


Similar Part No. - A2012

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
A20120200A1 EATON-A20120200A1 Datasheet
1Mb / 6P
Single Row Terminal Blocks
A20120200A9 EATON-A20120200A9 Datasheet
1Mb / 6P
Single Row Terminal Blocks
A20120200AB EATON-A20120200AB Datasheet
1Mb / 6P
Single Row Terminal Blocks
A20120200B1 EATON-A20120200B1 Datasheet
1Mb / 6P
Single Row Terminal Blocks
A20120203A1 EATON-A20120203A1 Datasheet
1Mb / 6P
Single Row Terminal Blocks
More results

Similar Description - A2012

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM5597 NXP-OM5597 Datasheet
214Kb / 11P
POS Reference Design NFC Peer to Peer communication showcase
Rev. 1.0-26 May 2011
logo
Anaren Microwave
A1101R09C-EZ4X ANAREN-A1101R09C-EZ4X_14 Datasheet
986Kb / 3P
The A1101R09C-EZ4x is a high-performance demonstration platform, designed to showcase
A2500R24A-EZ4X ANAREN-A2500R24A-EZ4X_14 Datasheet
824Kb / 3P
The A2500R24A-EZ4x is a high-performance demonstration platform, designed to showcase
logo
Fairchild Semiconductor
AN4149 FAIRCHILD-AN4149 Datasheet
312Kb / 19P
Design Guidelines
logo
AAEON Technology
OMNI-3105HTT-BT-A1-1010 AAEON-OMNI-3105HTT-BT-A1-1010 Datasheet
183Kb / 2P
Aluminum Design
logo
List of Unclassifed Man...
Q22 ETC2-Q22 Datasheet
201Kb / 2P
Versatile mechanical design maximizes design flexibility
Q38 ETC2-Q38 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
Q48 ETC2-Q48 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
Q58 ETC2-Q58 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com