Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9428WPI-2.7 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9428WPI-2.7
Description  Single Digitally Controlled Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9428WPI-2.7 Datasheet(HTML) 4 Page - Xicor Inc.

  X9428WPI-2.7 Datasheet HTML 1Page - Xicor Inc. X9428WPI-2.7 Datasheet HTML 2Page - Xicor Inc. X9428WPI-2.7 Datasheet HTML 3Page - Xicor Inc. X9428WPI-2.7 Datasheet HTML 4Page - Xicor Inc. X9428WPI-2.7 Datasheet HTML 5Page - Xicor Inc. X9428WPI-2.7 Datasheet HTML 6Page - Xicor Inc. X9428WPI-2.7 Datasheet HTML 7Page - Xicor Inc. X9428WPI-2.7 Datasheet HTML 8Page - Xicor Inc. X9428WPI-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
X9428
Characteristics subject to change without notice.
4 of 20
REV 1.1.5 7/8/03
www.xicor.com
Acknowledge Polling
The disabling of the inputs, during the internal
nonvolatile write operation, can be used to take
advantage of the typical 5ms EEPROM write cycle
time. Once the stop condition is issued to indicate the
end of the nonvolatile write command the X9428
initiates the internal write cycle. ACK polling can be
initiated immediately. This involves issuing the start
condition followed by the device slave address. If the
X9428 is still busy with the write operation no ACK will
be returned. If the X9428 has completed the write
operation an ACK will be returned, and the master can
then proceed with the next operation.
Flow 1. ACK Polling Sequence
Instruction Structure
The next byte sent to the X9428 contains the instruction
and
register
pointer
information. The
four
most
significant bits are the instruction. The next four bits
point to one of four associated registers. The format is
shown below in Figure 2.
Figure 2. Instruction Byte Format
The four high order bits define the instruction. The next
two bits (R1 and R0) select one of the four registers
that is to be acted upon when a register oriented
instruction is issued. Bits 0 and 1 are defined to be 0.
Four
of
the
seven
instructions
end
with
the
transmission
of
the
instruction
byte. The
basic
sequence is illustrated in Figure 3. These two-byte
instructions exchange data between the Wiper Counter
Register and one of the Data Registers. A transfer from
a Data Register to a Wiper Counter Register is
essentially a write to a static RAM. The response of the
wiper to this action will be delayed tWRL. A transfer
from the Wiper Counter Register (current wiper
position), to a Data Register is a write to nonvolatile
memory and takes a minimum of tWR to complete.
Four instructions require a three-byte sequence to
complete. These instructions transfer data between the
host and the X9428; either between the host and one
of the Data Registers or directly between the host and
the Wiper Counter Register. These instructions are:
Read Wiper Counter Register (read the current wiper
position of the selected pot), write Wiper Counter
Register (change current wiper position of the selected
pot), read Data Register (read the contents of the
selected nonvolatile register) and write Data Register
(write a new value to the selected Data Register). The
sequence of operations is shown in Figure 4.
Nonvolatile Write
Command Completed
Enter ACK Polling
Issue
START
Issue Slave
Address
ACK
Returned?
Further
Operation?
Issue
Instruction
Issue STOP
NO
YES
YES
Proceed
Issue STOP
NO
Proceed
I1
I2
I3
I0
R1
R0
0
0
Register
Select
Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com