Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP1N80 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP1N80
Description  High Voltage MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP1N80 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP1N80 Datasheet HTML 1Page - IXYS Corporation IXTP1N80 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
800
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
800
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C
750
mA
I
DM
T
C
= 25
°C, pulse width limited by T
JM
3A
I
AR
1.0
A
E
AR
T
C
= 25
°C5
mJ
E
AS
T
C
= 25
°C
100
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
3
V/ns
T
J
≤ 150°C, R
G = 47 Ω
P
D
T
C
= 25
°C40
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
1.13/10 Nm/lb.in.
Weight
TO-220
4
g
TO-252
0.8
g
TO-263
3
g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
High Voltage MOSFET
G = Gate,
D = Drain,
S = Source,
TAB = Drain
D (TAB)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 250 µA
800
V
V
GS(th)
V
DS
= V
GS, ID = 25 µA
2.5
4.5
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100
nA
I
DSS
V
DS
= V
DSS
T
J = 25°C25
µA
V
GS = 0 V
T
J = 125°C
500
µA
R
DS(on)
V
GS
= 10 V, I
D = 500 mA
9.5
11
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
Features
! International standard packages
! High voltage, Low R
DS (on) HDMOS
TM
process
! Rugged polysilicon gate cell structure
! Fast switching times
Applications
! Switch-mode and resonant-mode
power supplies
! Flyback inverters
! DC choppers
! High frequency matching
Advantages
! Space savings
! High power density
DS98822C(11/03)
G D
S
TO-220AB (IXTP)
© 2003 IXYS All rights reserved
G
S
TO-263 AA (IXTA)
D (TAB)
N-Channel Enhancement Mode
Avalanche Energy Rated
IXTA 1N80
IXTP 1N80
IXTY 1N80
V
DSS
= 800
V
I
D25
= 750 mA
R
DS(on)
= 11
Ω
Ω
Ω
Ω
Ω
Preliminary Data
TO-252 AA (IXTY)
G
S
D (TAB)


Similar Part No. - IXTP1N80

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP1N80P IXYS-IXTP1N80P Datasheet
167Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
More results

Similar Description - IXTP1N80

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA1N100 IXYS-IXTA1N100 Datasheet
46Kb / 2P
High Voltage MOSFET
IXTP01N100 IXYS-IXTP01N100 Datasheet
51Kb / 2P
High Voltage MOSFET
IXTU01N80 IXYS-IXTU01N80 Datasheet
68Kb / 2P
High Voltage MOSFET
IXTA2N80 IXYS-IXTA2N80 Datasheet
46Kb / 2P
High Voltage MOSFET
IXTA05N100 IXYS-IXTA05N100 Datasheet
541Kb / 4P
High Voltage MOSFET
IXTH1N100 IXYS-IXTH1N100 Datasheet
87Kb / 2P
High Voltage MOSFET
logo
Silan Microelectronics ...
3VD499650YL SILAN-3VD499650YL Datasheet
96Kb / 1P
HIGH VOLTAGE MOSFET CHIPS
logo
IXYS Corporation
IXTT1N450HV IXYS-IXTT1N450HV Datasheet
156Kb / 5P
High Voltage Power MOSFET
IXTF03N400 IXYS-IXTF03N400 Datasheet
155Kb / 4P
High Voltage Power MOSFET
IXTH20N50D IXYS-IXTH20N50D Datasheet
163Kb / 5P
High Voltage MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com