Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD1926 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BD1926
Description  Dual Band 2-Way SMT Power Divider
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BD1926 Datasheet(HTML) 2 Page - BeRex Corporation

  BD1926_14 Datasheet HTML 1Page - BeRex Corporation BD1926_14 Datasheet HTML 2Page - BeRex Corporation BD1926_14 Datasheet HTML 3Page - BeRex Corporation BD1926_14 Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Typical Test Data
Insertion Loss vs. Frequency
Isolation vs. Frequency
IRL vs. Frequency
ORL vs. Frequency
Dual Band 2-Way SMT Power Divider
BD1926
1700~2300MHz PCS, WCDMA & TD-SCDMA
Parameters
Unit
PCS, WCDMA & TD-SCDMA
Frequency Range
MHz
1700
1800
1900
2075
2250
Insertion Loss
dB
0.51
0.51
0.55
0.63
0.76
Isolation
dB
20.1
22.5
24.8
21.6
16.8
IRL(S11)
dB
-17.4
-17.1
-16.3
-14.1
-11.9
ORL(S22,S33)
dB
-24.9
-25.0
-24.4
-22.7
-19.9
Phase Diff.
deg
1.4
1.5
1.5
1.5
1.4
Amplitude Balance
dB
0.04
0.07
0.07
0.06
0.04
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Rev. D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com