Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD2326 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BD2326
Description  Triple Band 2-Way SMT Power Divider
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BD2326 Datasheet(HTML) 2 Page - BeRex Corporation

  BD2326_14 Datasheet HTML 1Page - BeRex Corporation BD2326_14 Datasheet HTML 2Page - BeRex Corporation BD2326_14 Datasheet HTML 3Page - BeRex Corporation BD2326_14 Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Typical Test Data
Insertion Loss vs. Frequency
Isolation vs. Frequency
IRL vs. Frequency
ORL vs. Frequency
Triple Band 2-Way SMT Power Divider
BD2326
1900~2500MHz PCS, WCDMA & TD-SCDMA, WiBro
Parameters
Unit
WCDMA & TD-SCDMA
WiBro
Frequency Range
MHz
1900
2075
2250
2200
2350
2500
Insertion Loss
dB
0.58
0.59
0.64
0.62
0.69
0.77
Isolation
dB
23.33
27.55
23.28
24.47
19.58
15.03
IRL(S11)
dB
17.93
17.05
14.94
15.89
13.83
12.10
ORL(S22,S33)
dB
21.92
23.04
22.90
22.81
22.00
20.09
Phase Diff.
deg
0.69
0.76
0.60
0.84
0.56
0.62
Amplitude Balance
dB
0.03
0.04
0.06
0.05
0.06
0.09
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Rev. D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com