Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7451P Datasheet(PDF) 1 Page - Analog Power

Part # AM7451P
Description  P-Channel 50-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7451P Datasheet(HTML) 1 Page - Analog Power

  AM7451P Datasheet HTML 1Page - Analog Power AM7451P Datasheet HTML 2Page - Analog Power AM7451P Datasheet HTML 3Page - Analog Power AM7451P Datasheet HTML 4Page - Analog Power AM7451P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM7451P
P-Channel 50-V (D-S) MOSFET
VDS (V)
ID (A)
Symbol
Limit
Units
VDS
-50
VGS
±20
TA=25°C
-19
a
TA=70°C
-15
a
TC=25°C
60
c
TC=70°C
60
c
IDM
-80
IS
-7.1
TA=25°C
5
a
TA=70°C
3.2
a
TC=25°C
83
TC=70°C
53
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
25
65
Maximum Junction-to-Case (Drain)
RθJC
1.5
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
c.
Package limited
ID
Power Dissipation
PD
W
60
c
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Maximum Junction-to-Ambient
a
Gate-Source Voltage
PRODUCT SUMMARY
-50
rDS(on) (mΩ)
9 @ VGS = -10V
12 @ VGS = -4.5V
t <= 10 sec
Steady State
RθJA
Steady State
°C/W
A
Continuous Drain Current
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• Load Switches
• DC/DC Conversion
• Motor Drives
DFN5X6-8L
© Preliminary
1
Publication Order Number:
DS_AM7451P_1B


Similar Part No. - AM7451P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7450N ANALOGPOWER-AM7450N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7452NA ANALOGPOWER-AM7452NA Datasheet
426Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7454N ANALOGPOWER-AM7454N Datasheet
425Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7456N ANALOGPOWER-AM7456N Datasheet
427Kb / 5P
N-Channel 60-V (D-S) MOSFET
logo
Advanced Micro Devices
AM745LS374A AMD-AM745LS374A Datasheet
313Kb / 5P
8-Bit Registers with Three-State Outputs
More results

Similar Description - AM7451P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM90P10-19L VISHAY-SUM90P10-19L Datasheet
229Kb / 3P
P-Channel 100-V (D-S) MOSFET
24-Jul-06
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
P-Channel 12-V (D-S) MOSFET
23-Jun-08
SI3443CDV VISHAY-SI3443CDV Datasheet
145Kb / 7P
P-Channel 20-V (D-S) MOSFET
05-Nov-07
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
P-Channel 40-V (D-S) MOSFET
21-Jan-08
logo
VBsemi Electronics Co.,...
VBE2509 VBSEMI-VBE2509 Datasheet
705Kb / 9P
P-Channel 50 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com