Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GENE-APL5 Datasheet(PDF) 2 Page - AAEON Technology

Part # GENE-APL5
Description  DC 12V Only or 9~19V (Optional), AT/ATX Mode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

GENE-APL5 Datasheet(HTML) 2 Page - AAEON Technology

  GENE-APL5 Datasheet HTML 1Page - AAEON Technology GENE-APL5 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
03-11
03-12
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.
Block Diagram
Dimension
Unit: mm
GENE-APL5
Part Number
CPU
Fan/Fanless
Display
LVDS
Storage
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power Power Temp
Others
GENE-APL5-A11-0001
N3350
Fanless
VGA/LVDS
24bit,2CH
SATA x 1, mSATA x 1
(full size)
GbE x 2
USB3.0 x 2,
USB 2.0 x 4
2
2
miniCard x 1 (half size)
12V
0°C ~ 60°C
DIO x 8
GENE-APL5-A11-0002
N3350
Fanless
VGA/LVDS/
LVDS2
24bit,2CH
SATA x 1, mSATA x 1
(full size)
GbE x 2
USB3.0 x 2,
USB 2.0 x 4
2
2
miniCard x 1 (half size)
9~19V
0°C ~ 60°C
Touch Controller,
SIM, TPM, DIO x 8
Ordering Information
DDI Port 1
Super I/O
TPM
LPC
Intel®
Apollo Lake
Integrated Clock
DDR3L SO-DIMM
HDMI
Realtek
Audio Codec
ALC892
Audio
eDP to LVDS
DDI Port 0
18/24-bit 2CH
LVDS1
VGA
eDP
USB 3.0 *2
USB 3.0
USB 2.0 *4
USB 2.0
USB 2.0
SATA
SATA III
RJ-45
Intel
GbE Ethernet
I210/I211
PCIe[x1]
RJ-45
Intel
GbE Ethernet
I210/I211
PCIe[x1]
Mini Card
(Half size , w/SIM)
PCIe[x1]/USB2.0
HD Audio
BIOS
SPI
Channel 0
KB/MS
HW
Monitor
DIO
8bit/LPT
COM Port 1~4
(COM2,COM3 support RS-232/422/485)
Touch
Controller
Touch
mSATA
(Full-Size)
PCIe[x1]/USB2.0/SATA
GbE
GbE
DP to VGA
DP to LVDS
18/24-bit 2CH
LVDS2
DDI 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com