Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICO-APL1 Datasheet(PDF) 2 Page - AAEON Technology

Part # PICO-APL1
Description  BIO Connector for Daughter Board (Optional)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PICO-APL1 Datasheet(HTML) 2 Page - AAEON Technology

  PICO-APL1 Datasheet HTML 1Page - AAEON Technology PICO-APL1 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Block Diagram
Dimension
Unit: mm
PICO-APL1
Ordering Information
Part Number
CPU
Fan/Fanless
Display
LVDS
Storage
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Power Temp
Others
PICO-APL1-A10-0002
N3350
w/o Heat-spreader
HDMI
—
SATA x 1, mSATA x 1
(Full-size)
GbE x 1
USB3.0 x 2
USB2.0 x 1
(Optional the COM cable) (Optional the COM cable)
miniCard x 1 (Half-
size)
12V DC-Jack
0°C ~ 60°C
DIO x 4
PICO-APL1-A10-0003
N3350
w/o Heat-spreader
LVDS/
HDMI
24bit,2CH
SATA x 1, mSATA x 1
(Full-size)
GbE x 1
USB3.0 x 2
USB2.0 x 1
1
1
miniCard x 1 (Half-
size)
12V
Phoenix Terminal
0°C ~ 60°C
DIO x 4, Line-out,
BIO
Intel®
ApolloLake
SoC
DDR3L SO-DIMM
DDI Port 1
USB 3.0 * 2
USB 3.0
SATA III
RJ-45
Ethernet
PCIe[x1]
mSATA/MiniCard
(Full size)
BIOS
SPI
Channel 0
Mini-Card (Half-Size)
PCIe[x1]/SATA
GbE
Super I/O
DIO
4bit
COM1~2
(COM2 support RS-232/422/485)
HW
Monitor
LPC
LPC /Smbus/ GPIO or PWG
SATA
HDMI
DP to LVDS
18/24bit 2CH LVDS
LVDS
Audio Codec
HD Audio
Line out
USB 2.0
DDI Port 0
PCIe[x1]
BIO
PCIE * 2
DDI Port 2
USB3.0 / USB2.0
USB 2.0
USB 2.0
Line-out
Smbus/I2C
Smbus/ I2C
USB 2.0
USB 2.0 * 1
Smbus
Digital IO
05-1
05-2
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com