Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RICO-3288 Datasheet(PDF) 2 Page - AAEON Technology

Part # RICO-3288
Description  USB2.0 x 3, USB OTG x 1, Mini-PCIe x 1 (for 3G/4G Module)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

RICO-3288 Datasheet(HTML) 2 Page - AAEON Technology

  RICO-3288 Datasheet HTML 1Page - AAEON Technology RICO-3288 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit: mm
Block Diagram
Dimension
Unit: mm
RICO-3288
Ordering Information
I2C
RockChip
RK3288
PMIC
RK808
DDR3
Memory
16GB eMMC
I2C
I2C
RTC
Battery
DC input
SDIO
Micro SD Slot
Line In Conn.
USB
Micro USB2.0
OTG
HDMI
Mini HDMI
UART
D-SUB9
Connector
UART
GPIO
GPIO Conn.
WiFi module
SDIO
GPS module
UART
Audio Codec
I2C/I2S
Speaker Conn.
RJ45 Conn.
(Transformer)
GMAC
LVDS
LVDS Conn.
PWM
Backlight
Conn.
RS232
Transceiver
RS232
Transceiver
Wafer
UART
Ethernet PHY
Transceiver
Wafer
USB HUB
USB
USB Type
Dual Conn.
Mini-PCIe
Conn.
USB
SIM slot
LTE Module
Part Number
CPU
RAM
Storage
Giga LAN
RS-232/422/485
USB
HDMI
WiFi & BT
3G/LTE Slot
RICO-3288B-A10-0001
ARM Cortex-A17 1.6GHz 2GB DDR3L
16GB eMMC
x1
x1
x2
x1
—
—
RICO-3288-A10-0001
ARM Cortex-A17 1.6GHz 2GB DDR3L
16GB eMMC
x1
x1
x2
x1
802.11ac & BT4.0
Support 3G/4G card
05-13
05-14
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com