Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD40N10J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD40N10J
Description  N-Ch Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD40N10J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSD40N10J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD40N10J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD40N10J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SSD40N10J
40A, 100V, RDS(ON) 17 m
N-Ch Enhancement Mode Power MOSFET
13-Dec-2016 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
100
-
-
V
VGS=0, ID=250µA
Drain-Source Leakage Current
IDSS
-
-
1
µA
VDS=100V, VGS=0
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VDS=0V, VGS= ±20V
On Characteristics
1
Gate-Threshold Voltage
VGS(th)
2
-
4
V
VDS=VGS, ID=250µA
Static Drain-Source On-Resistance
RDS(ON)
-
14
17
m
VGS=10V, ID=28A
Forward Transconductance
gfs
32
-
-
S
VDS=25V, ID=28A
Dynamic Characteristics
Input Capacitance
Ciss
-
3400
-
Output Capacitance
Coss
-
290
-
Reverse Transfer Capacitance
Crss
-
221
-
pF
VDS=30V
VGS=0
f=1MHz
Switching Characteristics
Total Gate Charge
Qg
-
94
-
Gate-Source Charge
Qgs
-
16
-
Gate-Drain (“Miller”) Change
Qgd
-
24
-
nC
VDS=30V
VGS=10V
ID=30A
Turn-on Delay Time
Td(on)
-
15
-
Rise Time
Tr
-
11
-
Turn-off Delay Time
Td(off)
-
52
-
Fall Time
Tf
-
13
-
nS
VDD=30V
VGS=10V
RG=2.5
RL=15
ID=2A
Source-Drain Diode Characteristics
Diode Forward Voltage
1
VSD
-
-
1.2
V
IS=28A, VGS=0
Continuous Source Current
IS
-
-
40
A
Pulsed Source Current
ISM
-
-
160
A
Notes:
1.
Pulse Test : Pulse width
≤300µs, duty cycle ≤2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com