Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD55P30J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD55P30J
Description  P-Ch Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD55P30J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSD55P30J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD55P30J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD55P30J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SSD55P30J
-30A, -55V, RDS(ON) 40m
P-Ch Enhancement Mode Power MOSFET
13-Dec-2016 Rev.B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Off Characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
-55
-
-
V
VGS=0, ID= -250µA
Zero Gate Voltage Drain Current
IDSS
-
-
-1
µA
VDS= -55V, VGS=0
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0V, VGS= ±20V
On Characteristics
1
Gate-Threshold Voltage
VGS(th)
-2
-
-4
V
VDS=VGS, ID= -250µA
Static Drain-Source On-Resistance
RDS(ON)
-
-
40
m
VGS= -10V, ID= -15A
Forward Transconductance
gfs
8
-
-
S
VDS= -25V, ID= -16A
Dynamic Characteristics
Input Capacitance
Ciss
-
3500
-
Output Capacitance
Coss
-
240
-
Reverse Transfer Capacitance
Crss
-
153
-
pF
VDS= -30V
VGS=0
f=1MHz
Switching Characteristics
Total Gate Charge
Qg
-
56
-
Gate-Source Charge
Qgs
-
11
-
Gate-Drain Charge
Qgd
-
24
-
nC
VDS= -30V
VGS= -10V
ID= -15A
Turn-on Delay Time
Td(on)
-
12
-
Rise Time
Tr
-
15
-
Turn-off Delay Time
Td(off)
-
38
-
Fall Time
Tf
-
15
-
nS
VDD= -30V
VGS= -10V
RG=3
ID= -15A
Drain-Source Diode Characteristics
Diode Forward Voltage
1
VSD
-
-
-1.2
V
VGS=0, IS= -24A
Continuous Drain-Source Diode
Forward Current
IS
-
-
-30
A
Pulsed Drain-Source Diode
Forward Current
ISM
-
-
-120
A
Notes:
1.
Pulse test:Pulse width≦300µs, duty cycle≦2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com