Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSDJ Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSDJ
Description  200W Peak Power Surface Mount TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSDJ Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSDJ Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSDJ Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSDJ Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSDJ Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSDJ SERIES
5V ~ 170V
200W Peak Power Surface Mount TVS
02-Apr-2014 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS(Rating TA=25°C unless otherwise specified)
Breakdown
Voltage VBR @ IT
Part Number
Marking Code
Reverse
Stand-Off
Voltage
VRWM
Min
Max
Test
Current
Maximum
Clamping
Voltage
VC @IPP
Reverse
Leakage
IR @VRWM
Uni-
direction
Bi
-direction
Uni
Bi
V
V
V
mA
V
µ
A
SSDJ5.0A
SSDJ5.0CA
KE
AE
5
6.40
7.00
10
9.2
400
SSDJ6.0A
SSDJ6.0CA
KG
AG
6
6.67
7.37
10
10.3
400
SSDJ6.5A
SSDJ6.5CA
KK
AK
6.5
7.22
7.98
10
11.2
250
SSDJ7.0A
SSDJ7.0CA
KM
AM
7
7.78
8.60
10
12.0
100
SSDJ7.5A
SSDJ7.5CA
KP
AP
7.5
8.33
9.21
1
12.9
50
SSDJ8.0A
SSDJ8.0CA
KR
AR
8
8.89
9.83
1
13.6
25
SSDJ8.5A
SSDJ8.5CA
KT
AT
8.5
9.44
10.4
1
14.4
10
SSDJ9.0A
SSDJ9.0CA
KV
AV
9
10.0
11.1
1
15.4
5
SSDJ10A
SSDJ10CA
KX
AX
10
11.1
12.3
1
17.0
2.5
SSDJ11A
SSDJ11CA
KZ
AZ
11
12.2
13.5
1
18.2
2.5
SSDJ12A
SSDJ12CA
LE
BE
12
13.3
14.7
1
19.9
2.5
SSDJ13A
SSDJ13CA
LG
BG
13
14.4
15.9
1
21.5
1
SSDJ14A
SSDJ14CA
LK
BK
14
15.6
17.2
1
23.2
1
SSDJ15A
SSDJ15CA
LM
BM
15
16.7
18.5
1
24.4
1
SSDJ16A
SSDJ16CA
LP
BP
16
17.8
19.7
1
26.0
1
SSDJ17A
SSDJ17CA
LR
BR
17
18.9
20.9
1
27.6
1
SSDJ18A
SSDJ18CA
LT
BT
18
20.0
22.1
1
29.2
1
SSDJ20A
SSDJ20CA
LV
BV
20
22.2
24.5
1
32.4
1
SSDJ22A
SSDJ22CA
LX
BX
22
24.4
26.9
1
35.5
1
SSDJ24A
SSDJ24CA
LZ
BZ
24
26.7
29.5
1
38.9
1
SSDJ26A
SSDJ26CA
ME
CE
26
28.9
31.9
1
42.1
1
SSDJ28A
SSDJ28CA
MG
CG
28
31.1
34.4
1
45.4
1
SSDJ30A
SSDJ30CA
MK
CK
30
33.3
36.8
1
48.4
1
SSDJ33A
SSDJ33CA
MM
CM
33
36.7
40.6
1
53.3
1
SSDJ36A
SSDJ36CA
MP
CP
36
40.0
44.2
1
58.1
1
SSDJ40A
SSDJ40CA
MR
CR
40
44.4
49.1
1
64.5
1
SSDJ43A
SSDJ43CA
MT
CT
43
47.8
52.8
1
69.4
1
SSDJ45A
SSDJ45CA
MV
CV
45
50.0
55.3
1
72.7
1
SSDJ48A
SSDJ48CA
MX
CX
48
53.3
58.9
1
77.4
1
SSDJ51A
SSDJ51CA
MZ
CZ
51
56.7
62.7
1
82.4
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com