Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF2101 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF2101
Description  P-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF2101 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSF2101 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF2101 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF2101 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SSF2101
-1.4A, -20V, RDS(O ) 100 mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode Power MOSFET
08-Feb-2017 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
-20
-
-
V
VGS=0, ID= -250µA
Gate-Threshold Voltage
1
VGS(th)
-0.45
-0.7
-
V
VDS=VGS, ID= -250µA
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VDS=0, VGS= ±8V
Drain-Source Leakage Current
IDSS
-
-
-1
µA
VDS= -20V, VGS=0
-
-
100
VGS= -4.5V, ID= -1A
-
-
140
VGS= -2.5V, ID= -0.5A
Static Drain-Source On-Resistance
1
RDS(ON)
-
-
210
m
VGS= -1.8V, ID= -0.3A
Charges and Capacitances
Input Capacitance
Ciss
-
640
-
Output Capacitance
Coss
-
120
-
Reverse Transfer Capacitance
Crss
-
82
-
pF
VDS= -8V
VGS=0
f=1MHz
Switching Characteristics
-
5.5
-
ID= -3A VDS= -10V VGS= -4.5V
Total Gate Charge
Qg
-
3.3
-
Gate-Source Charge
Qgs
-
0.7
-
Gate-Drain Charge
Qgd
-
1.3
-
nC
ID= -3A
VDS= -10V
VGS= -2.5V
Turn-on Delay Time
Td(on)
-
6.2
-
Rise Time
Tr
-
15
-
Turn-off Delay Time
Td(off)
-
26
-
Fall Time
Tf
-
18
-
nS
VDD= -4V
VGS= -4.5V
RG=6.2
ID= -1A
Drain-Source Diode Characteristics
Diode Forward Voltage
VSD
-
-0.62
-1.2
V
IS= -0.3A, VGS=0
Notes:
1.
Pulse Test: Pulse width≤300µs, duty cycle≤0.5%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com