Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG05N10J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG05N10J
Description  Dual-N Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG05N10J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG05N10J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG05N10J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG05N10J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SSG05N10J
5A , 100V , RDS(ON) 140m
Dual-N Enhancement Mode Power MOSFET
10-Feb-2017 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
100
-
-
V
VGS=0, ID=250µA
Drain-Source Leakage Current
IDSS
-
-
1
µA
VDS=100V, VGS=0
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VDS=0V, VGS= ±20V
Gate-Threshold Voltage
3
VGS(th)
1
-
2
V
VDS=VGS, ID=250µA
Static Drain-Source On-Resistance
3
RDS(ON)
-
-
140
m
VGS=10V, ID=5A
Forward Transconductance
3
gfs
-
8
-
S
VDS=5V, ID=2.9A
Diode Forward Voltage
3
VSD
-
-
1.2
V
IS=5A, VGS=0
Dynamic Characteristics
4
Input Capacitance
Ciss
-
690
-
Output Capacitance
Coss
-
120
-
Reverse Transfer Capacitance
Crss
-
90
-
pF
VDS=25V
VGS=0
f=1MHz
Switching Characteristics
4
Turn-on Delay Time
Td(on)
-
11
-
Rise Time
Tr
-
7.4
-
Turn-off Delay Time
Td(off)
-
35
-
Fall Time
Tf
-
9.1
-
nS
VDS=30V
VGS=10V
RGEN=2.5
RL=15
ID=2A
Total Gate Charge
Qg
-
15.5
-
Gate-Source Charge
Qgs
-
3.2
-
Gate-Drain (“Miller”) Change
Qgd
-
4.7
-
nC
VDS=30V
VGS=10V
ID=3A
Notes:
1.
Repetitive rating : Pulse width limited by the junction temperature.
2.
Surface mounted on FR4 board, t
10s.
≦
3.
Pulse Test : Pulse width≦300µs, duty cycle≦2%.
4.
Guaranteed by design, not subject to production.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com