Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG60P05J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG60P05J
Description  P-Ch Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG60P05J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG60P05J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG60P05J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG60P05J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SSG60P05J
-5 A, -60 V, RDS(ON) 80 mΩ
Ω
Ω
Ω
P-Ch Enhancement Mode Power MOSFET
10-Feb-2017 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test condition
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
-60
-
-
V
VGS=0, ID= -250µA
Drain-Source Leakage Current
IDSS
-
-
-1
µA
VDS= -60V,VGS=0
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0V, VGS=±20V
On Characteristics
3
Gate-Threshold Voltage
VGS(th)
-1.5
-
-3.5
V
VDS=VGS, ID = -250µA
Drain-Source On-Resistance
RDS(ON)
-
-
80
m
VGS= -10V, ID = -5A
Forward Transfer Conductance
Gfs
5
-
-
S
VDS= -15V, ID= -5A
Dynamic Characteristics
Input Capacitance
Ciss
-
1450
-
Output Capacitance
Coss
-
145
-
Reverse Transfer Capacitance
Crss
-
110
-
pF
VGS=0
VDS= -20V
f=1MHz
Switching Characteristics
Turn-On Delay Time
Td(on)
-
8
-
Rise Time
Tr
-
9
-
Turn-Off Delay Time
Td(off)
-
65
-
Fall Time
Tf
-
30
-
nS
VGS= -10V
VDD= -30V
RGEN= 6
RL= 30
Total Gate Charge
Qg
-
26
-
Gate-Source Charge
Qgs
-
4.5
-
Gate-Drain (“Miller”) Charge
Qgd
-
7
-
nC
VGS= -10V
VDS= -30V
ID= -5A
Source-Drain Diode Characteristics
Forward On Voltage
3
VDS
-
-
-1.2
V
IS= -3A, VGS=0
Continuous Source Current
2
IS
-
-
-5
A
Notes:
1.
Repetitive Rating : Pulse width is limited by the maximum junction temperature.
2.
Surface mounted on FR4 board, t≦10sec.
3.
Pulse Test : Pulse width≦300µs, duty cycle≦2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com