Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB6S Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # AB6S
Description  Single Phase 0.5AMP Surface Mount Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

AB6S Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  AB6S Datasheet HTML 1Page - Chip Integration Technology Corporation AB6S Datasheet HTML 2Page - Chip Integration Technology Corporation AB6S Datasheet HTML 3Page - Chip Integration Technology Corporation AB6S Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
■ Rating and characteristic curves
Fig. 1 Maximum Forward Current Derating Curve
O
Case Temperature ( C)
Fig. 2 Typical Forward Characteristics
Forward Voltage (V)
Fig. 4 Typical Reverse Characteristics
Fig. 3 Maximum Non-Repetitive Forward Surge Current
Number of Cycle at 60Hz
Percent of Rated Peak Reverse Voltage(%)
O
T =125 C
A
O
T =75 C
A
O
T =25 C
A
Document ID : DS-22B45
Revised Date : 2016/09/07
Revision : C1
AB2S SERIES
Single Phase 0.5AMP Surface Mount Glass Passivated Bridge Rectifiers
0.5
0.4
0.3
0.2
0.1
0.6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com