Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # BAS40
Description  200mA Surface Mount Small Signal Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

BAS40 Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  BAS40 Datasheet HTML 1Page - Chip Integration Technology Corporation BAS40 Datasheet HTML 2Page - Chip Integration Technology Corporation BAS40 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Notes:
Notes:
Recovery Time Equivalent Test Circuit
820 OHM
+10V
2 K
0.1 uF
100uH
0.1 uF
DUT
50 OHM OUTPUT
PULSE
GENERATOR
50 OHM INPUT
SAMPLING
OSCILLOSCOPE
I
F
t
r
V
R
t
10%
90%
t
p
t
r
t
IR(REC)=1 mA
OUTPUT PULSE
(IF=IR=10mA;measured
at iR(REC)=1mA)
1. A2.0 Kohm variable resistor adjusted for a forward Current (IF) of 10mA.
2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
3. tp >> trr.
Notes :
FORWARD CURRENT,IF (mA) f=10KHZ
FIG.4 -Diode capacitance as a function of reverse
voltage ;typical values.
h
1
10
10
2
1
3
10
10
2
10
1
10
0
10
20
40
30
5
0
4
3
2
1
REVERSE VOLTAGE, VR(V)
0
10
20
30
1000
O
T = 85 C
A
O
T = 85 C
A
0.01
0.1
1
10
100
O
T = 25 C
A
FIG.2- Reverse current as a function
of reverse voltage; typical values
FIG.1- Forward current as a function
of forward voltage; typical values
O
(1)T = 150 C
A
2
10
10
1
2
10
0
0.6
0.8
0.4
0.2
1.0
1
10
(1) (2)
(3)
(4)
FORWARD VOLTAGE: VF(V)
O
(2)T = 85 C
A
O
(3)T = 25 C
A
O
(4)T =-40 C
A
O
REVERSE VOLTAGE VR(V) f=1MHZ T = 25 C
A
FIG.3- Differential forward resistance as a function
of forward current ;typical values.
Document ID : DS-22K1Q
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
BAS40 / 04 / 05 / 06
200mA Surface Mount Small Signal Diodes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com