Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70WS Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # BAS70WS
Description  70mA Surface Mount Small Signal Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

BAS70WS Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  BAS70WS Datasheet HTML 1Page - Chip Integration Technology Corporation BAS70WS Datasheet HTML 2Page - Chip Integration Technology Corporation BAS70WS Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Low current rectification and high speed switching.
•
mall surface mount type.
• S
Up to 70mA current capability.
•
Low forward voltage drop (VF = 1.00V typ. @15mA)
•
Silicon epitaxial planar chip, metal silicon junction.
•
Suffix "G" indicates Halogen-free part, ex.BAS70WSG.
•
Lead-free parts for green partner, exceeds environmental
•
standards of MIL-STD-19500 /228
High speed ( trr < 5 ns )
•
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-323
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : 0.0002 ounce, 0.005 gram
BAS70WS
Characteristic
Symbol
Peak Repetitive Reverse Voltage
Forward Continuous Current(1)
Non-Repetitive Peak Forward Surge Current
Marking code
I
F S M
V
R R M
K73
70
100
70
V
F
V
( B R )
C
D
I
R
Reverse Breakdown Voltage
Characteristic
Symbol
MIN.
MAX.
UNIT
Vdc
UNIT
V
O C
Power Dissipation(1)
200
P
D
-55 ~ +150
Junction and Storage Temperature
Thermal Resistance Junction to Ambient Air
R
θ J A
625
Total Capacitance
Reverse Voltage Leakage Current
uAdc
pF
nS
0.1
I( ) = 10uAdc
B R
V = 50Vdc
R
V = 0, f = 1.0MHz
R
Forward Voltage
I = 1.0mAdc
F
I = 15mAdc
F
Reverse Recovery Time
I = I = 10mAdc, V = 5.0Vdc, I
= 1.0mAdc, R = 100Ω
F
R
R
R ( R E C )
L
trr
mVdc
410
1000
5.0
I
F ( AV )
T , T
J
S T G
mAdc
mAdc
mW
O C/W
BAS70WS
2.0
70
@tp < 1.0s
Work Peak Reverse Voltage
DC Reverse Voltage
V
R R M
V
R
RMS Reverse Voltage
V
R ( R M S )
49
NOTE: 1.Valid provided that terminals are kept at ambient temperature.
2.Test period < 300us.
Document ID : DS-22K1G
Revised Date : 2016/08
Revision : C1
70mA Surface Mount Small Signal Diodes
Dimensions in inches and (millimeters)
■ Outline
SOD-323
Marking code
0.046 (1.17)Max.
0.071 (1.80)
0.059 (1.50)
0.107 (2.72)
0.097 (2.46)


Similar Part No. - BAS70WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS70WS JIANGSU-BAS70WS Datasheet
297Kb / 3P
SCHOTTKY DIODE
logo
Weitron Technology
BAS70WS WEITRON-BAS70WS Datasheet
202Kb / 3P
Surface Mount Schottky Barrier Diode
logo
Won-Top Electronics
BAS70WS WTE-BAS70WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAS70WS BILIN-BAS70WS Datasheet
167Kb / 2P
Schottky barrier diodes
More results

Similar Description - BAS70WS

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
Surface mount Small Signal Diodes
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
MCL4148 DIOTEC-MCL4148_07 Datasheet
100Kb / 2P
Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_09 Datasheet
107Kb / 2P
Surface Mount Small Signal Diodes
logo
Formosa MS
BAS70WS FORMOSA-BAS70WS_10 Datasheet
197Kb / 7P
70mA Surface Mount Small Signal Schottky Diodes-70v
logo
Diotec Semiconductor
1N4148W DIOTEC-1N4148W_14 Datasheet
94Kb / 2P
Surface Mount Small Signal Diodes
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
Surface Mount Small Signal Diodes
logo
Chip Integration Techno...
BAS70 CITC-BAS70 Datasheet
98Kb / 3P
70mA Surface Mount Small Signal Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com