Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT42WS Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # BAT42WS
Description  200mA Surface Mount Small Signal Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

BAT42WS Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  BAT42WS Datasheet HTML 1Page - Chip Integration Technology Corporation BAT42WS Datasheet HTML 2Page - Chip Integration Technology Corporation BAT42WS Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Document ID : DS-22K2S
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
200mA Surface Mount Small Signal Diodes
BAT42WS / BAT43WS
Fig. 1 FORWARD CURRENT CURVE
0
0
40
80
120
160
200
25
50
75
100
T ,
A
O
AMBIENT TEMPERATURE ( C)
125
150
Fig. 2 TYPICAL FORWARD CHARACTERISTIC
0
100
0.1
10
V , FORWARD VOLTAGE (V)
F
400
800
1.0
600
200
O
T = 25 C
A
O
T = -25 C
A
O
T = 75 C
A
O
T = 125 C
A
Fig. 3 TYPICAL REVERSE CHARACTERISTICS
0
0.01
0.1
1.0
10
100
1000
10
20
30
V , INSTANTANEOUS REVERSE VOLTAGE
R
(V)
40
O
T = 25 C
A
O
T = 75 C
A
O
T = 125 C
A
Fig. 4 TOTAL CAPACITANCE VS REVERSE VOLTAGE
0
1.0
10
100
10
20
30
V , REVERSE VOLTAGE
R
(V)
40
O
T = 25 C
A
f = 1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com