Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VERO13 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # VERO13
Description  Barbara series
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

VERO13 Datasheet(HTML) 1 Page - Ledil, Inc.

  VERO13 Datasheet HTML 1Page - Ledil, Inc. VERO13 Datasheet HTML 2Page - Ledil, Inc. VERO13 Datasheet HTML 3Page - Ledil, Inc. VERO13 Datasheet HTML 4Page - Ledil, Inc. VERO13 Datasheet HTML 5Page - Ledil, Inc. VERO13 Datasheet HTML 6Page - Ledil, Inc. VERO13 Datasheet HTML 7Page - Ledil, Inc. VERO13 Datasheet HTML 8Page - Ledil, Inc. VERO13 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
PRODUCT DATASHEET
Barbara series
last update 3/4/2017
DETAILS
Product Number
F13702_BARBARA-WW-PF
Family
Barbara
Type
Reflector
Color
metal
Diameter
70 mm
Height
41,7 mm
Style
round
Optic Material
PC
Holder Material
Fastening
Status
production ready
ROHS Comliant
Yes
Date Updated
3/04/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
VERO10
sim: 66
Very Wide
-
-
-
VERO13
sim: 67
Very Wide
-
-
-
VERO18
sim: 68
Very Wide
-
-
-
VERO10
49 deg
Very Wide
89 %
1.500
-
VERO13
51 deg
Very Wide
90 %
1.400
-
VERO18
58 deg
Very Wide
91 %
1.170
-
V15 Gen6
51 deg
Very Wide
86 %
1.390
Bender Wirth: 456 Typ L2
Xenio Point 13mm
49 deg
Very Wide
89 %
1.370
LEDiL: LEDiL
Xenio Point 18mm
59 deg
Very Wide
88 %
1.070
LEDiL: LEDiL
CLU700/701
28 deg
Very Wide
88 %
2.100
Bender Wirth: 434 Typ L1
CLL02x/CLU02x (LES10)
43 deg
Very Wide
88 %
1.600
Bender Wirth: 434 Typ L1
CLL03x/CLU03x
50 deg
Very Wide
86 %
1.300
Bender Wirth: 433 Typ L1
CLU720/721
43 deg
Very Wide
86 %
sim: 1.600 Bender Wirth: 433 Typ L1
CXA/B 1816 & CXA/B 1820 & CXA 1850 46 deg
Very Wide
86 %
1.400
Bender Wirth: 437 Typ L1
CXA/B 15xx
41 deg
Very Wide
87 %
1.700
Bender Wirth: 441 Typ L1
CXA/B 1816 & CXA/B 1820 & CXA 1850 46 deg
Very Wide
90 %
1.600
-
CXA/B 15xx
40 deg
Very Wide
89 %
1.800
-
CXA/B 15xx
51 deg
Very Wide
85 %
1.200
LEDiL: LEDiL
LUXEON CoB 1202/1203
39 deg
Very Wide
88 %
1.700
Bender Wirth: 438 Typ L1
CXM-14
NULL deg
Very Wide
sim: 86 % sim: 1.300 Bender Wirth: 433 Typ L1
CXM-9
NULL deg
Very Wide
sim: 88 % sim: 1.600 Bender Wirth: 434 Typ L1
COB L-Type (LES 9)
41 deg
Very Wide
89 %
1.700
Bender Wirth: 438 Typ L1
COB J-Type
51 deg
Very Wide
86 %
1.300
Bender Wirth: 463 Typ L2
COB L-Type (LES 11)
46 deg
Very Wide
87 %
1.500
Bender Wirth: 438 Typ L1
COB L-Type (LES 9)
47 deg
Very Wide
91 %
1.500
-
September 21st 2017 7:33 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - VERO13

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
VERO13 CREE-VERO13 Datasheet
2Mb / 38P
ANGELINA series
VERO13 CREE-VERO13 Datasheet
2Mb / 38P
ANGELA series
VERO13 CREE-VERO13 Datasheet
2Mb / 40P
ANGELA series
VERO13 CREE-VERO13 Datasheet
2Mb / 40P
ANGELA series
More results

Similar Description - VERO13

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN13927 CREE-FCN13927 Datasheet
2Mb / 44P
Barbara series
FCN14283 CREE-FCN14283 Datasheet
555Kb / 9P
Barbara series
FCN14286 CREE-FCN14286 Datasheet
363Kb / 7P
Barbara series
FCN14311 CREE-FCN14311 Datasheet
2Mb / 49P
Barbara series
FCN14709 CREE-FCN14709 Datasheet
561Kb / 9P
Barbara series
FCN14710 CREE-FCN14710 Datasheet
426Kb / 6P
Barbara series
FCN14711 CREE-FCN14711 Datasheet
444Kb / 6P
Barbara series
FCN14712 CREE-FCN14712 Datasheet
405Kb / 7P
Barbara series
C13032 CREE-C13032 Datasheet
1Mb / 18P
Barbara series
logo
Ledil, Inc.
C11553-BARBARA-W LEDIL-C11553-BARBARA-W Datasheet
1Mb / 13P
Barbara series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com