Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VERO18 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # VERO18
Description  Barbara series
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

VERO18 Datasheet(HTML) 2 Page - Ledil, Inc.

  VERO18 Datasheet HTML 1Page - Ledil, Inc. VERO18 Datasheet HTML 2Page - Ledil, Inc. VERO18 Datasheet HTML 3Page - Ledil, Inc. VERO18 Datasheet HTML 4Page - Ledil, Inc. VERO18 Datasheet HTML 5Page - Ledil, Inc. VERO18 Datasheet HTML 6Page - Ledil, Inc. VERO18 Datasheet HTML 7Page - Ledil, Inc. VERO18 Datasheet HTML 8Page - Ledil, Inc. VERO18 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
PRODUCT DATASHEET
Barbara series
last update 3/4/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
COB L-Type (LES 11)
51 deg
Very Wide
90 %
1.330
-
COB J-Type
55 deg
Very Wide
90 %
1.220
-
Soleriq P9
43 deg
Very Wide
90 %
1.700
Bender Wirth: 461 Typ L1
Soleriq P13
48 deg
Very Wide
88 %
1.400
Bender Wirth: 437 Typ L1
Soleriq S13
47 deg
Very Wide
87 %
1.400
Bender Wirth: 437 Typ L1
Soleriq S15
sim: 73
Very Wide
sim: 90 % sim: 0.770 Bender Wirth: 433 Typ L1
Soleriq P9
50 deg
Very Wide
90 %
1.400
-
Soleriq P13
48 deg
Very Wide
88 %
1.370
LEDiL: LEDiL
LC026B / 033B / 040B
55 deg
Very Wide
86 %
1.100
Bender Wirth: 450 Typ L2
ZC12/18
NULL deg
Very Wide
sim: 86 % sim: 1.300 Bender Wirth: 433 Typ L1
ZC4/6
NULL deg
Very Wide
sim: 88 % sim: 1.600 Bender Wirth: 434 Typ L1
SLE G5 LES11
43 deg
Very Wide
89 %
1.600
Bender Wirth: 434 Typ L1
XTM - 9mm LES
42 deg
Very Wide
87 %
1.700
LEDiL: LEDiL
XTM - 19mm LES
55 deg
Very Wide
84 %
1.100
LEDiL: LEDiL
September 21st 2017 7:33 Copyright Ledil Oy - Subject to change without prior notice - Page 2/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com