Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFE430 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFE430
Description  HEXFET TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFE430 Datasheet(HTML) 1 Page - International Rectifier

  IRFE430 Datasheet HTML 1Page - International Rectifier IRFE430 Datasheet HTML 2Page - International Rectifier IRFE430 Datasheet HTML 3Page - International Rectifier IRFE430 Datasheet HTML 4Page - International Rectifier IRFE430 Datasheet HTML 5Page - International Rectifier IRFE430 Datasheet HTML 6Page - International Rectifier IRFE430 Datasheet HTML 7Page - International Rectifier IRFE430 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFE430
500V
1.50
Ω
2.5A
Features:
n Hermetically Sealed
n Simple Drive Requirements
n Ease of Paralleling
n Small footprint
n Surface Mount
n Lightweight
N-CHANNEL
Provisional Data Sheet No. PD - 9.1719
500Volt, 1.50
Ω
Ω
Ω
Ω
Ω, HEXFET
The leadless chip carrier (LCC) package represents
the logical next step in the continual evolution of
surface mount technology.
The LCC provides
designers the extra flexibility they need to increase
circuit board density. International Rectifier has
engineered the LCC package to meet the specific
needs of the power market by increasing the size of
the bottom source pad, thereby enhancing the
thermal and electrical performance. The lid of the
package is grounded to the source to reduce RF
interference.
HEXFET transistors also feature all of the well-es-
tablished advantages of MOSFETs, such as volt-
age control, very fast switching, ease of paralleling
and electrical parameter temperature stability. They
are well-suited for applications such as switching
power supplies, motor controls, inverters, choppers,
audio amplifiers and high-energy pulse circuits, and
virtually any application where high reliability is re-
quired.
12/3097
Absolute Maximum Ratings
Parameter
IRFE430, JANTX-, JANTXV-, 2N6802U
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
2.5
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
1.5
IDM
Pulsed Drain Current

11
PD @ TC = 25°C
Max. Power Dissipation
25
W
Linear Derating Factor
0.20
W/K
…
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
‚
0.31
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
6.2
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Surface Temperature
300 ( for 5 seconds)
Weight
0.42 (typical)
g
oC
A
IRFE430
REPETITIVE AVALANCHE AND dv/dt RATED
JANTX2N6802U
HEXFET® TRANSISTOR
JANTXV2N6802U
[REF:MIL-PRF-19500/557]


Similar Part No. - IRFE430

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFE430 IRF-IRFE430 Datasheet
169Kb / 7P
Simple Drive Requirements
IRFE430 IRF-IRFE430_15 Datasheet
169Kb / 7P
Simple Drive Requirements
More results

Similar Description - IRFE430

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRH7250 IRF-IRH7250 Datasheet
317Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHF7130 IRF-IRHF7130 Datasheet
291Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFM140 IRF-IRFM140 Datasheet
211Kb / 8P
HEXFET TRANSISTOR
IRHN7450 IRF-IRHN7450 Datasheet
310Kb / 12P
HEXFET TRANSISTOR
IRFE310 IRF-IRFE310 Datasheet
146Kb / 7P
HEXFET TRANSISTOR
IRHM7160 IRF-IRHM7160 Datasheet
137Kb / 8P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFV064 IRF-IRFV064 Datasheet
216Kb / 8P
HEXFET TRANSISTOR, N-CHANNEL
IRLF230 IRF-IRLF230 Datasheet
76Kb / 7P
HEXFET TRANSISTOR
IRH7450 IRF-IRH7450 Datasheet
312Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFE9130 IRF-IRFE9130 Datasheet
203Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com