Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L345 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L345
Description  Thyristor Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L345 Datasheet(HTML) 1 Page - IXYS Corporation

  L345 Datasheet HTML 1Page - IXYS Corporation L345 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
I
TRMS
= 2x 100 A
I
TAVM
= 2x 64 A
V
RRM, DRM = 1600 V
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
1700
1600
MCC 60-16io1 B
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions
Features
q
International standard package
q
Direct copper bonded Al
2O3-ceramic
base plate
q
Planar passivated chips
q
Isolation voltage 3600 V~
q
Gate-cathode twin pins
Applications
q
DC motor control
q
Softstart AC motor controller
q
Light, heat and temperature control
Advantages
q
Space and weight savings
q
Simple mounting with two screws
q
Improved temperature and power
cycling
q
Reduced protection circuits
Symbol
Conditions
Maximum Ratings
I
TRMS, IFRMS
T
VJ = TVJM
100
A
I
TAVM
T
C = 85
°C; 180° sine
64
A
I
TSM, IFSM
T
VJ = 45
°C;
t = 10 ms (50 Hz), sine
1150
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1230
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1000
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1070
A
I2dt
T
VJ = 45
°C
t = 10 ms (50 Hz), sine
6610
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
6350
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
5000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
4810
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 150 A
150
A/µs
f = 50Hz, t
P = 200µs
V
D =
2/
3 VDRM
I
G = 0.45 A
non repetitive, I
T = ITAVM
500
A/µs
di
G/dt = 0.45 A/µs
(dv/dt)
cr
T
VJ = TVJM;VDR =
2/
3 VDRM
1000
V/µs
R
GK =
¥; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30 µs
10
W
I
T = ITAVM
t
P =
300 µs
5
W
P
GAV
0.5
W
V
RGM
10
V
T
VJ
-40...+140
°C
T
VJM
140
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL
£ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque (M5)
2.5-4.0/22-35 Nm/lb.in.
Terminal connection torque (M5)
2.5-4.0/22-35 Nm/lb.in.
Weight
Typical including screws
90
g
MCC 60
Thyristor Module
Preliminary data
6
7
4
5
3
2
1
TO-240 AA
36 7 1
5 4 2
Dimensions in mm (1 mm = 0.0394")


Similar Part No. - L345

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
L345-155.52 CONNOR-WINFIELD-L345-155.52 Datasheet
119Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Hamamatsu Corporation
L3458 HAMAMATSU-L3458 Datasheet
117Kb / 4P
4-pin plastic package, infrared LED
L3458-01 HAMAMATSU-L3458-01 Datasheet
133Kb / 4P
4-pin plastic package, infrared LED
L3458-01 HAMAMATSU-L3458-01 Datasheet
117Kb / 4P
4-pin plastic package, infrared LED
L3458-03 HAMAMATSU-L3458-03 Datasheet
133Kb / 4P
4-pin plastic package, infrared LED
More results

Similar Description - L345

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
70NTT NAINA-70NTT Datasheet
125Kb / 2P
Thyristor - Thyristor Module
160NTT NAINA-160NTT Datasheet
117Kb / 2P
Thyristor - Thyristor Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com