Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2ABF Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # S2ABF
Description  2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

S2ABF Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  S2ABF Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd S2ABF Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2ABF-S2MBF
1 of 2
S2ABF-S2MBF
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Surge Overload Rating to 35A Peak
Features
SMBF
Ideally Suited for Automatic Assembly
Built-in Strain Relief
Classification Rating 94V-O
Low Power Loss
Weight: 0.057 grams (approx.)
Features
!
!
Low Forward Voltage Drop
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
!
Lead Free: For RoHS / Lead Free Version
4.40
4.20
3.70
3.50
Dim
Min
Max
A
B
C
D
E
F
G
All Dimensions in mm
0.26
0.18
5.50
5.10
1.30
1.10
1.00
-
2.20
1.90
Case: SMBF, Molded Plastic
A
B
C
D
F
E
G
Symbo
S2ABF S2BBF S2DBF S2GBF S2J BF S2K BF S2MBF Unit
Characteristic
Typical Thermal Resistance (Note 2)
R
Typical Junction Capacitance (Note 1)
C
-65 to +150
°C
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
5 0
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
3 5
70
140
280
420
560
700
V
Average Rectified Output Current
@TL = 100°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
60
A
Forward Voltage
@IF = 1.0A
VFM
1.10
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
200
µA
j
15
pF
JL
30
K/W
Operating and Storage Temperature Range
Tj, TSTG
2. Mounted on P.C. Board with 8.0mm
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
Note:
2 land area.


Similar Part No. - S2ABF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
S2ABF CHENDA-S2ABF Datasheet
617Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S2ABF YFWDIODE-S2ABF Datasheet
86Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Guangdong Juxing Electr...
S2ABF JUXING-S2ABF Datasheet
649Kb / 3P
Surface Mount Standard Rectifiers
logo
Xian Semipower Electron...
S2ABF SEMIPOWER-S2ABF Datasheet
119Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Jiangsu High diode Semi...
S2ABF HDSEMI-S2ABF Datasheet
1Mb / 4P
SMBF Plastic-Encapsulate Diodes
More results

Similar Description - S2ABF

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
S2A WTE-S2A Datasheet
41Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Daya Electric Group Co....
S2A DAYA-S2A Datasheet
46Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S2KDF DIODES-S2KDF Datasheet
441Kb / 5P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 4
S2KDFQ DIODES-S2KDFQ Datasheet
350Kb / 5P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
logo
Sangdest Microelectroni...
S2A-M SMC-S2A-M Datasheet
176Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
S2A ZSELEC-S2A Datasheet
113Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2AF ZSELEC-S2AF Datasheet
88Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2AW ZSELEC-S2AW Datasheet
87Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
GS2A ZSELEC-GS2A Datasheet
106Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
GF2A ZSELEC-GF2A Datasheet
74Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com