Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2MBF Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # S2MBF
Description  2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

S2MBF Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  S2MBF Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd S2MBF Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
S2ABF-S2MBF
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
S2ABF-S2MBF
0
0.5
1.0
1.5
2.0
2.5
20
40
60
80
100
120
140
160
T , LEADTEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
L
Resistive or
inductive load
0.01
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (% )
Fig. 4 Typical Reverse Characteristics
T = 125°C
j
T = 25°C
j
0
10
20
30
40
50
60
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig.3 Forward Surge Current Derating Curve
Single Half-Sine-Wave
JEDEC Method
I PULSE WIDTH = 300 S
F
µ
T = 25°C
j
0.01
0.1
1.0
10
0.5
0.7
0.9
1.1
1.3
1.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com