Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L680 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L680
Description  Gallium Arsenide Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L680 Datasheet(HTML) 1 Page - IXYS Corporation

  L680 Datasheet HTML 1Page - IXYS Corporation L680 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2004 IXYS All rights reserved
1 - 2
DGS
4-025A
DGS 3-025AS
DGSK 8-025A
IXYS reserves the right to change limits, test conditions and dimensions
Type
Marking on product
Circuit
Package
DGS 3-025AS
3A250AS
DGS 4-025A
DGS 4-025A
DGSK 8-025A
DGSK 8-025A
Single
Common cathode
Features
• Low forward voltage
• Very high switching speed
• Low junction capacity of GaAs
- low reverse current peak at turn off
• Soft turn off
• Temperature independent switching
behaviour
• High temperature operation capability
• Epoxy meets UL 94V-0
Applications
• MHz switched mode power supplies
(SMPs)
• Small size SMPs
• High frequency converters
• Resonant converters
Gallium Arsenide Schottky Rectifier
I
FAV
= 5.4 A
V
RRM
= 250 V
C
Junction = 6.4 pF
AC
AC
A
Symbol
Conditions
Maximum Ratings
V
RRM/RSM
250
V
I
FAV
T
C = 25
°C; DC
5.4
A
I
FAV
T
C = 90
°C; DC
3.9
A
I
FSM
T
VJ = 45°C; tp = 10 ms (50 Hz), sine
10
A
T
VJ
-55...+175
°C
T
stg
-55...+150
°C
P
tot
T
C = 25
°C18
W
M
d
mounting torque (TO-220)
0.4...0.6
Nm
A = Anode, C = Cathode , TAB = Cathode
TO-220 AB
A
C
A
C (TAB)
C
TO-220 AC
A
C (TAB)
AC
Single
A
TO-252 AA
A
C (TAB)
Pulse test:
Pulse Width = 5 ms, Duty Cycle < 2.0 %
Data according to IEC 60747 and per diode unless otherwise specified
Symbol
Conditions
Characteristic Values
typ.
max.
I
R
T
VJ =
25°C V
R = VRRM
0.7
mA
T
VJ = 125°C
V
R = VRRM
0.7
mA
V
F
I
F = 2 A;
T
VJ = 125°C
1.3
V
I
F = 2 A;
T
VJ =
25°C
1.3
1.6
V
C
J
V
R = 100 V;
T
VJ = 125°C
6.4
pF
R
thJC
8.5
K/W
R
thCH
TO-220
0.5
K/W
Weight
TO-252
0.3
g
TO-220
2
g


Similar Part No. - L680

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L6895-10 HAMAMATSU-L6895-10 Datasheet
193Kb / 2P
High-power LED with miniature package
L6895-10 HAMAMATSU-L6895-10 Datasheet
181Kb / 2P
Infrared LED High-power LED with miniature package
L6895-10 HAMAMATSU-L6895-10_06 Datasheet
181Kb / 2P
Infrared LED High-power LED with miniature package
L6895-10 HAMAMATSU-L6895-10_15 Datasheet
414Kb / 3P
Infrared LED
More results

Similar Description - L680

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DGS17-03CS IXYS-DGS17-03CS Datasheet
55Kb / 2P
Gallium Arsenide Schottky Rectifier
DGS3-01AS IXYS-DGS3-01AS Datasheet
37Kb / 2P
Gallium Arsenide Schottky Rectifier
DGS9-03AS IXYS-DGS9-03AS Datasheet
56Kb / 2P
Gallium Arsenide Schottky Rectifier
DGSS10-06CC IXYS-DGSS10-06CC Datasheet
60Kb / 3P
Gallium Arsenide Schottky Rectifier
DGS19-025AS IXYS-DGS19-025AS Datasheet
165Kb / 3P
Gallium Arsenide Schottky Rectifier
DGS20-022A IXYS-DGS20-022A Datasheet
71Kb / 2P
Gallium Arsenide Schottky Rectifier
GS8DI25104 IXYS-GS8DI25104 Datasheet
52Kb / 2P
Gallium Arsenide Schottky Rectifier
GS150TA25104 IXYS-GS150TA25104 Datasheet
115Kb / 2P
Gallium Arsenide Schottky Rectifier
GS150TA25110 IXYS-GS150TA25110 Datasheet
115Kb / 2P
Gallium Arsenide Schottky Rectifier
GS150TA25120 IXYS-GS150TA25120 Datasheet
159Kb / 2P
Gallium Arsenide Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com