Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38690 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP38690
Description  1A Low Dropout CMOS Linear Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38690 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP38690 Datasheet HTML 1Page - National Semiconductor (TI) LP38690 Datasheet HTML 2Page - National Semiconductor (TI) LP38690 Datasheet HTML 3Page - National Semiconductor (TI) LP38690 Datasheet HTML 4Page - National Semiconductor (TI) LP38690 Datasheet HTML 5Page - National Semiconductor (TI) LP38690 Datasheet HTML 6Page - National Semiconductor (TI) LP38690 Datasheet HTML 7Page - National Semiconductor (TI) LP38690 Datasheet HTML 8Page - National Semiconductor (TI) LP38690 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LP38690/LP38692
1A Low Dropout CMOS Linear Regulators
Stable with Ceramic Output Capacitors
General Description
The LP38690/2 low dropout CMOS linear regulators provide
tight output tolerance (2.5% typical), extremely low dropout
voltage (450mV @ 1A load current, V
OUT = 5V), and excel-
lent AC performance utilizing ultra low ESR ceramic output
capacitors.
The low thermal resistance of the LLP, SOT-223 and T0-252
packages allow the full operating current to be used even in
high ambient temperature environments.
The use of a PMOS power transistor means that no DC base
drive current is required to bias it allowing ground pin current
to remain below 100 µA regardless of load current, input
voltage, or operating temperature.
Dropout Voltage: 450 mV (typ) @ 1A (typ. 5V out).
Ground Pin Current: 55 µA (typ) at full load.
Precision Output Voltage: 2.5% (25˚C) accuracy.
Features
n
2.5% output accuracy (25˚C)
n
Low dropout voltage: 450mV @ 1A (typ, 5V out)
n
Wide input voltage range (2.7V to 10V)
n
Precision (trimmed) bandgap reference
n
Guaranteed specs for -40˚C to +125˚C
n
1µA off-state quiescent current
n
Thermal overload protection
n
Foldback current limiting
n
T0-252, SOT-223 and 6-Lead LLP packages
n
Enable pin (LP38692)
Applications
n
Hard Disk Drives
n
Notebook Computers
n
Battery Powered Devices
n
Portable Instrumentation
Typical Application Circuits
20126601
20126602
Note: * Minimum value required for stability.
**LLP package devices only.
January 2005
© 2005 National Semiconductor Corporation
DS201266
www.national.com


Similar Part No. - LP38690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38690 TI2-LP38690 Datasheet
1Mb / 36P
LP38690, LP38692 1-A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
REVISED DECEMBER 2015
logo
National Semiconductor ...
LP38690-ADJ NSC-LP38690-ADJ Datasheet
777Kb / 13P
1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38690-ADJ TI1-LP38690-ADJ Datasheet
1Mb / 22P
LP38692-ADJ 1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38690-ADJ TI1-LP38690-ADJ Datasheet
1Mb / 27P
1-A Low Dropout CMOS Linear Regulator
LP38690-ADJ TI1-LP38690-ADJ_16 Datasheet
1Mb / 27P
1-A Low Dropout CMOS Linear Regulator
More results

Similar Description - LP38690

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
1A Low Dropout Voltage Regulators
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
FAN1537B FAIRCHILD-FAN1537B Datasheet
347Kb / 8P
Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
1A LOW DROPOUT VOLTAGE REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
Low-dropout linear regulators
Rev. 1-18 July 2011
logo
Texas Instruments
LP38692MP-3.3 TI1-LP38692MP-3.3 Datasheet
1Mb / 28P
1A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691-ADJ TI1-LP38691-ADJ_16 Datasheet
1Mb / 27P
500-mA Low-Dropout CMOS Linear Regulators Stable
LP38691 TI1-LP38691_15 Datasheet
1Mb / 34P
Low-Dropout CMOS Linear Regulators Stable
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
1A, Low-Dropout Linear Regulators
logo
First Components Intern...
LM8805 FCI-LM8805 Datasheet
439Kb / 7P
600mA CMOS Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com