Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3292CSD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3292CSD
Description  RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3292CSD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3292CSD Datasheet HTML 1Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 2Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 3Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 4Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 5Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 6Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
RS-485/RS-422 Transceivers with Preemphasis
for High-Speed, Long-Distance Communication
_______________________________________________________________________________________
5
TYPICAL PREEMPHASIS WAVEFORM
100ns/div
VY - VZ
2V/
div
2500
0
0
1000
PREEMPHASIS INTERVAL vs. RPSET
(CPSET = 0.1µF)
250
500
2250
RPSET (kΩ)
200
100
300 400
600
500
800
700
900
2000
1750
750
1500
1250
1000
NOTE A
0
400
200
800
NOTE A
600
1000
1200
0
1000
500
1500
2000
RPRE AND tPRE vs. tBAUD
tBAUD (ns)
0
1.0
0.5
2.0
1.5
2.5
3.0
4.0
3.5
4.5
10
30
40
50
20
60
70
80
90 100
DRIVER DIFFERENTIAL
OUTPUT VOLTAGE vs. RDIFF
RDIFF (Ω)
STRONG
NORMAL
30.0
35.0
32.5
40.0
37.5
42.5
47.5
45.0
50.0
-40
0
20
-20
40
60
80
100
DRIVER PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
CL1 = CL2 = 50pF
2.00
2.50
2.25
3.00
2.75
3.25
3.50
4.00
3.75
4.25
-40
0
20
-20
40
60
80
100
DRIVER DIFFERENTIAL
OUTPUT VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
STRONG (VODP)
RDIFF = 54Ω
NORMAL (VOD)
40.0
45.0
42.5
50.0
47.5
52.5
57.5
55.0
60.0
-40
0
20
-20
40
60
80
100
RECEIVER PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
CL = 50pF
RECEIVER PROPAGATION DELAY
20ns/div
VA - VB
RO
2.5V/
div
5V/
div
__________________________________________Typical Operating Characteristics
(VCC = +5V, TA = +25°C, unless otherwise noted.)
Note A: Dotted line represents region in which preemphasis may not work in systems with excessive power-supply noise. See
Preemphasis at Low Data Rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com