Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2045CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # C2045CT
Description  20A Trench Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

C2045CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  C2045CT Datasheet HTML 1Page - Chip Integration Technology Corporation C2045CT Datasheet HTML 2Page - Chip Integration Technology Corporation C2045CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Maximum ratings and electrical characteristics
C2045CT
Document ID : DS-11KEA
Revised Date : 2017/07/4
Revision : C5
20A Trench Schottky Rectifier
Main Product Characteristics
I
F ( AV )
2 X 10A
V
R R M
T
J
V
F ( Ty p )
45V
150
OC
0.44V
■ Features
■ Mechanical Data
Low forward voltage drop.
•
Fast switching capability.
•
Lead free in compliance with EU RoHS.
•
• Epoxy : UL94-V0 rated fl ame retardant.
.
• Case : JEDEC TO-220AB molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
.
ed.
• Polarity: As mark
.
• Weight : Approximated 2.25 gram
Forward Voltage Drop (per diode)
Reverse Current (per diode)
Parameter
I
O
I
F S M
I
R R M
T
S T G
Forward Rectified Current (total device)
Forward Surge Current (per diode)
Thermal Resistance (per diode)
Storage Temperature
Parameter
8.3ms single half sine-wave
superimposed on rate load (JEDEC method)
Condition
Symbol
C2045CT
UNIT
-55 ~ +150
20
120
A
A
O C/W
O C
2
R
θ J C
Junction to case
Peak Repetitive Reverse Surge Current
A
2
Working peak reverse voltage
V
RWM
45
V
V
F
I
R
V
= 45V , T = 25
OC
R
J
V
= 45V , T = 125
OC
R
J
Condition
Symbol
TYP.
UNIT
80
0.5
mV
mA
MIN.
MAX.
I = 10A, T = 25
OC
F
J
I = 10A, T = 125
OC
F
J
540
(per diode)
440
Junction to ambient
R
θ J A
50
T
J
O C
Operating Junction Temperature
I = 3A, T = 25
OC
380
500
■ Electrical Characteristics
Rating at 25
OC ambient temperature unless otherwise specified.
2us - 1KHz
Reverse Breakdown Voltage (per diode)
F
J
IR = 0.5mA, TJ = 25
OC
V
BR
V
45
0.06
-55 ~ +150
Rating at 25
OC ambient temperature unless otherwise specified.
30
■Outline
Dimensions in inches and (millimeters)
■ Circuit Diagram
TO-220AB
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
Ø P
Min
Max
0.398(10.1)
0.406(10.3)
0.236(6.0)
0.252(6.4)
0.579(14.7)
0.594(15.1)
0.543(13.8)
0.551(14.0)
0.143(3.63)
0.159(4.03)
0.104(2.64)
0.112(2.84)
0.335(8.5)
0.350(8.9)
0.046(1.17)
0.054(1.37)
0.028(0.71)
0.036(0.91)
0.098(2.49)
0.102(2.59)
0.176(4.47)
0.184(4.67)
0.046(1.17)
0.054(1.37)
0.102(2.6)
0.110(2.8)
0.019(0.28)
0.021(0.48)
0.147(3.74)
0.155(3.94)
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
Ø P
Min
Max
0.394(10.0)
0.413(10.5)
0.228(5.8)
0.268(6.8)
0.570(14.48)
0.625(15.87)
0.519(13.18)
0.558(14.18)
0.089(3.5)
0.099(3.9)
0.100(2.54)
0.120(3.04)
0.330(8.38)
0.350(8.9)
0.045(1.15)
0.060(1.52)
0.029(0.75)
0.037(0.95)
0.095(2.42)
0.105(2.66)
0.160(4.07)
0.190(4.82)
0.045(1.15)
0.055(1.39)
0.080(2.04)
0.110(2.8)
0.013(0.33)
0.019(0.52)
0.148(3.75)
0.156(3.95)
Alternate
Marking code
A
Ø P
B
1
2
3
J
L
C
D
E
F
G
H
I
K
M
N
Marking code
A
Ø P
B
1
2
3
J
L
C
D
E
F
G
H
I
K
M
N
C
Chip Integration Technology Corporation


Similar Part No. - C2045CT

ManufacturerPart #DatasheetDescription
logo
Powerbox
C204 POWERBOX-C204 Datasheet
268Kb / 1P
50 WATTS (AC) DC/DC SINGLEI OUTPUT
logo
Time Electronics Ltd.
C204 TIME-ELECTRONICS-C204 Datasheet
354Kb / 1P
7078 Auto-Ranging Digital Pressure Gauge
10/21
logo
General Cable Technolog...
C2040A GENERAL-C2040A Datasheet
58Kb / 1P
HOOK UP WIRE
logo
List of Unclassifed Man...
C2042 ETC-C2042 Datasheet
35Kb / 1P
Analog Devices AD20MSP930 CPE Line Transformer Meet requirements of IEC60950 for supplementary insulation, 250V working voltage
logo
Pulse A Technitrol Comp...
C2042 PULSE-C2042 Datasheet
81Kb / 2P
BROADBAND: RF & WIRELESS
More results

Similar Description - C2045CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CF20L100CT CITC-CF20L100CT Datasheet
477Kb / 3P
20A Trench Schottky Rectifier
C20L60CT CITC-C20L60CT Datasheet
483Kb / 3P
20A Trench Schottky Rectifier
CF20L45CT CITC-CF20L45CT Datasheet
468Kb / 3P
20A Trench Schottky Rectifier
CF20L120CT CITC-CF20L120CT Datasheet
481Kb / 3P
20A Trench Schottky Rectifier
CF20S100CT CITC-CF20S100CT Datasheet
507Kb / 3P
20A Trench Schottky Rectifier
CTP20L60SG CITC-CTP20L60SG Datasheet
521Kb / 4P
20A Trench Schottky Rectifier
CU20L60CT CITC-CU20L60CT Datasheet
488Kb / 3P
20A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT20120CT DIODES-SDT20120CT Datasheet
756Kb / 7P
20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20B100CT DIODES-SDT20B100CT Datasheet
732Kb / 7P
20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20A120CT DIODES-SDT20A120CT Datasheet
703Kb / 6P
20A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 5 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com