Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF10100CS Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CF10100CS
Description  10A Trench Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CF10100CS Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CF10100CS Datasheet HTML 1Page - Chip Integration Technology Corporation CF10100CS Datasheet HTML 2Page - Chip Integration Technology Corporation CF10100CS Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified.
Document ID : DS-11K032
Revised Date : 2016/10/13
Revision : C
Main Product Characteristics
I
F ( AV )
10A
V
R R M
T
J
V
F ( Ty p )
100V
O
150 C
0.67V
10A Trench Schottky Rectifier
CF10100CS
Chip Integration Technology Corporation
■ Features
■ Mechanical data
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Lead free in compliance with EU RoHS.
•
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : JEDEC ITO-220AB molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
ed.
• Polarity: As mark
.
• Weight : Approximated 2.25 gram
Forward voltage drop
Reverse current
Parameter
I
O
I
F S M
I
R R M
T
S T G
Forward rectified current
Forward surge current
Typical Thermal resistance
Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CF10100CS
UNIT
-55 ~ +150
10
90
A
A
O C/W
O C
8
R
θ J C
Junction to case
Peak repetitive reverse surge current
A
2us - 1kHz
1
Working peak reverse voltage
V
RW M
100
V
V
F
I
R
O
V
= 100V T = 25 C
R
J
O
V
= 100V T = 125 C
R
J
Conditions
Symbol
TYP.
UNIT
30
0.05
mV
mA
MIN.
MAX.
O
I = 5A, T = 25 C
F
J
O
I = 10A, T = 25 C
F
J
670
780
Junction to ambient
R
θ J A
50
T
J
-55 ~ +150
O C
Operating Junction temperature
0.01
610
6
V
B R
Reverse Breakdown Voltage
100
O
I = 0.1mA, T = 25 C
R
J
V
530
O
I = 3A, T = 25 C
F
J
■ Circuit Diagram
O
I = 5A, T = 125 C
F
J
560
O
I = 10A, T = 125 C
F
J
670
850
■ Outline
ITO-220AB
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.390(9.9)
0.408(10.36)
0.268(6.8)
0.283(7.2)
0.583(14.8)
0.598(15.2)
0.512(13.0)
0.543(13.8)
0.102(2.6)
0.150(3.8)
0.101(2.55)
0.112(2.85)
0.043(1.1)
0.053(1.35)
0.043(1.1)
0.053(1.35)
0.020(0.5)
0.028(0.7)
0.098(2.49)
0.102(2.59)
0.169(4.3)
0.185(4.7)
0.112(2.85)
0.128(3.25)
0.098(2.5)
0.114(2.9)
0.020(0.5)
0.028(0.7)
0.130(3.3)
0.134(3.5)
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.383(9.72)
0.404(10.27)
0.248(6.3)
0.272(6.9)
0.571(14.5)
0.610(15.5)
0.516(13.1)
0.547(13.9)
-
0.161(4.1)
0.094(2.4)
0.126(3.2)
0.039(1.0)
0.051(1.3)
0.039(1.0)
0.051(1.3)
0.020(0.5)
0.035(0.9)
0.095(2.41)
0.105(2.67)
0.169(4.3)
0.189(4.8)
0.055(1.4)
0.122(3.1)
0.091(2.3)
0.117(2.96)
0.014(0.35)
0.031(0.8)
0.122(3.1)
0.142(3.6)
Alternate
Marking code
A
1
2
3
J
B
C
D
E
F
G
H
I
K
L
M
N
ØP
Marking code
A
1
2
3
J
B
C
D
E
F
G
H
I
K
L
M
N
ØP
Dimensions in inches and (millimeters)


Similar Part No. - CF10100CS

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF100103GTR MERITEK-CF100103GTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF100103JTR MERITEK-CF100103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF100103KTR MERITEK-CF100103KTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Chip Integration Techno...
CF1045CS CITC-CF1045CS Datasheet
531Kb / 3P
10A Trench Schottky Rectifier
logo
List of Unclassifed Man...
CF1050 ETC2-CF1050 Datasheet
109Kb / 3P
The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
More results

Similar Description - CF10100CS

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
C10S100CT CITC-C10S100CT Datasheet
474Kb / 3P
10A Trench Schottky Rectifier
C10S120CT CITC-C10S120CT Datasheet
467Kb / 3P
10A Trench Schottky Rectifier
C10U60CT CITC-C10U60CT Datasheet
483Kb / 3P
10A Trench Schottky Rectifier
C10100CS CITC-C10100CS Datasheet
517Kb / 3P
10A Trench Schottky Rectifier
CF10L100CT CITC-CF10L100CT Datasheet
468Kb / 3P
10A Trench Schottky Rectifier
CF10S100CT CITC-CF10S100CT Datasheet
475Kb / 3P
10A Trench Schottky Rectifier
MBRF10L45CT-T CITC-MBRF10L45CT-T Datasheet
518Kb / 3P
10A Trench Schottky Rectifier
MBRF10L100CT-T CITC-MBRF10L100CT-T Datasheet
512Kb / 3P
10A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT10A100CT DIODES-SDT10A100CT Datasheet
700Kb / 6P
10A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT10100CT DIODES-SDT10100CT Datasheet
773Kb / 6P
10A TRENCH SCHOTTKY RECTIFIER
February 2022 Rev. 4 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com