Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGSC34119 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SGSC34119
Description  Low Power Audio Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SGSC34119 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SGSC34119 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SGSC34119 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SGSC34119 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SGSC34119 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SGSC34119 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SGSC34119 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SGSC34119 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SGSC34119 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SGSC34119 Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Elektronische Bauelemente
SGSC34119
Low Power Audio Amplifier
17-Dec-2009 Rev. A
Page 2 of 9
PIN FUNCTION DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
VCC
-1.0 to 18
Vdc
Maximum Output Current at VO1, VO2
PC
±250
mA
Maximum Voltage @ VIN, FC1, FC2, CD
Applied Output Voltage to VO1, VO2 When Disabled
-1.0, VCC+1.0
-1.0, VCC+1.0
Vdc
Junction Temperature
TJ
-55, 140
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage
Voltage @ CD (PIN 1)
VCC
VCD
2.0
0
16
VCC
Vdc
Load Impedance
RL
8.0
-
Peak Load Current
IL
-
±200
mA
Differential Gain (5.0kHz Bandwidth)
AVD
0
46
dB
Ambient Temperature
TA
-20
70
°C
SYMBOL
PIN
DESCRIPTION
CD
1
Chip Disable-Digital input. A Logic “0” (<0.8V) sets normal operation. A
Logic “1” (≧2V) sets the power down mode. Input impedance is
nominally 90k .
FC2
2
A capacitor at this pin increases power supply rejection, and affects
turn-on time. This pin can be left open if the capacitor at FC1 is sufficient.
FC1
3
Analog ground for the amplifiers. A 1.0
µF capacitor at this pin (with a
5.0
µF capacitor at Pin 2) provides (typically) 52dB of power supply
rejection. Turn-on time of the circuit is affected by the capacitor on this
pin. This pin can be used as an alternate input.
VIN
4
Amplifier input. This input capacitor and resistor set low frequency rolloff
and input impedance. The feedback resistor is connected to this pin and
VO1
VO1
5
Amplifier Output #1. The dc level is
≅ (VCC – 0.7)/2.
VCC
6
DC supply voltage (+2V to +16V) is applied to this pin.
GND
7
Ground pin for the entire circuit.
VO2
8
Amplifier Output #2. This signal is equal in amplitude, but 180°
out-of-phase with that at VO1. The dc level is
≅ (VCC – 0.7)/2.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com