Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4503J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4503J
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4503J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4503J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4503J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4503J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4503J Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4503J Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Elektronische Bauelemente
SSG4503J
N-Ch: 6.9A, 30V, RDS(ON) 28 mΩ
Ω
Ω
Ω
P-Ch: -6.3A, -30V, RDS(ON) 36 mΩ
Ω
Ω
Ω
N & P-Ch Enhancement Mode Power MOSFET
10-Feb-2017 Rev. B
Page 2 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
N-Ch ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Static
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250µA
Gate Threshold Voltage
VGS(th)
1
1.5
3
V
VDS=VGS, ID=250µA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0, VGS= ±20V
Zero Gate Voltage Drain Current
IDSS
-
-
1
µA
VDS=30V, VGS=0
-
10
28
VGS=10V, ID=6A
Drain-Source On-Resistance
3
RDS(ON)
-
14
42
m
VGS=4.5V, ID=4A
Forward Transfer conductance
gfs
4
-
-
S
VDS=10V, ID=6A
Diode Forward Voltage
3
VSD
-
-
1.2
V
VGS=0, IS=1.7A
Dynamic
Total Gate Charge
3
Qg
-
13.5
-
Gate-Source Charge
Qgs
-
1.4
-
Gate-Drain Charge
Qgd
-
4.7
-
nC
VDS=24V
VGS=4.5V
ID=6A
Turn-On Delay Time
3
Td(on)
-
5
-
Rise Time
Tr
-
8
-
Turn-Off Delay Time
Td(off)
-
18.5
-
Fall Time
Tf
-
9
-
nS
VDS=20V
VGS=10V
RD=20
RG=3.3
ID=1A
Input Capacitance
Ciss
-
770
-
Output Capacitance
Coss
-
80
-
Reverse Transfer Capacitance
Crss
-
75
-
pF
VDS=25V
VGS=0
f=1MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com