Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4822J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4822J
Description  Dual-N Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4822J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4822J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4822J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4822J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SSG4822J
8.5A, 30V, RDS(ON) 16mΩ
Ω
Ω
Ω
Dual-N Enhancement Mode Power MOSFET
10-Feb-2017 Rev. C
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test condition
Static
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0V, ID=250µA
Zero Gate Voltage Drain Current
IDSS
-
-
1
µA
VDS=24V, VGS=0V
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0V, VGS=±20V
Gate-Threshold Voltage
VGS(th)
1
-
3
V
VDS=VGS, ID=250µA
-
-
16
VGS=10V, ID=8.5A
Drain-Source On-Resistance
3
RDS(ON)
-
-
26
m
VGS=4.5V, ID=6A
Forward Transfer Conductance
3
Gfs
-
20
-
S
VDS=5V, ID=8.5A
Diode Forward Voltage
3
VSD
-
-
1
V
IS=1A, VGS=0V
Dynamic
4
Input Capacitance
Ciss
-
1250
-
Output Capacitance
Coss
-
180
-
Reverse Transfer Capacitance
Crss
-
110
-
pF
VDS=15V
VGS=0V
f=1.0MHz
Source-Drain Diode
4
Turn-On Delay Time
Td(on)
-
7.5
-
Rise Time
Tr
-
6.5
-
Turn-Off Delay Time
Td(off)
-
25
-
Fall Time
Tf
-
5
-
nS
VDS=15V
VGS=10V
RL=1.8
RGEN=3
10V
-
23
-
Total Gate Charge
4.5V
Qg
-
11.2
-
Gate-Source Charge
Qgs
-
2.6
-
Gate-Drain (“Miller”) Charge
Qgd
-
4.2
-
nC
VDS=15V
VGS=10V
ID=8.5A
Notes:
1.
The value of RθJA is measured with the device mounted on 1 inch
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
The value in any given application depends on the user’s specific board design. The current rating is based on the t≦10s thermal
resistance rating.
2.
Repetitive rating : Pulse width limited by junction temperature.
3.
Pulse Test : Pulse width≦300µs, duty cycle≦2%.
4.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com