Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG7328J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG7328J
Description  Dual-P Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG7328J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG7328J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG7328J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG7328J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SSG7328J
-8 A, -30 V, RDS(ON) 21 mΩ
Ω
Ω
Ω
Dual-P Enhancement Mode Power MOSFET
10-Feb-2017 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test condition
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0V, ID = -250µA
Gate Threshold Voltage
VGS(th)
-1
-
-2.5
V
VDS=VGS, ID = -250µA
Forward Transconductance
gfs
12
-
-
S
VDS= -10V, ID = -8A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VDS= 0V,VGS= ±20V
Zero Gate Voltage Drain Current
IDSS
-
-
-15
µA
VDS= -24V, VGS=0V
-
-
21
VGS= -10V, ID= -8A
Static Drain-Source On-Resistance
3
RDS(ON)
-
-
32
m
VGS= -4.5V, ID= -6.8A
Dynamic Characteristics
4
Total Gate Charge
Qg
-
78
-
Gate-Source Chagre
Qgs
-
9.8
-
Gate-Drain (“Miller”) Change
Qgd
-
8.3
-
nC
VDS= -15V,
ID = -8A,
VGS= -10V
Turn-on Delay Time
Td(ON)
-
20
-
Rise Time
Tr
-
23
-
Turn-off Delay Time
Td(OFF)
-
297
-
Fall Time
Tf
-
147
-
nS
VDD= -15V,
VGS= -10V
RD=15 ,
ID= -1A,
RG=6
Input Capacitance
CISS
-
2675
-
Output Capacitance
COSS
-
409
-
Reverse Transfer Capacitance
CRSS
-
262
-
pF
VDS= -25V
VGS=0V
f=1.0MHz
Source-Drain Diode
Diode Forward Voltage
3
VSD
-
-
-1.2
V
IS= -2A, VGS=0V
Notes:
1.
Repetitive rating: Pulse width limited by junction temperature.
2.
Surface mounted on 1’’×1’’ FR4 board, t
10s
≦
3.
Pulse Test: Pulse width
300 µs,
≦
Duty cycle
2
≦ %
4.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com