Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL0901 Datasheet(PDF) 4 Page - Rohm

Part # CSL0901
Description  Lens Type LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0901 Datasheet(HTML) 4 Page - Rohm

  CSL0901 Datasheet HTML 1Page - Rohm CSL0901 Datasheet HTML 2Page - Rohm CSL0901 Datasheet HTML 3Page - Rohm CSL0901 Datasheet HTML 4Page - Rohm CSL0901 Datasheet HTML 5Page - Rohm CSL0901 Datasheet HTML 6Page - Rohm CSL0901 Datasheet HTML 7Page - Rohm CSL0901 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
CSL0901 Series
4/6
2016.03 - Rev.B
l
Precaution (Surface Mount Device)
1.Storage
If the product is heated during the reflow under the condition of hygroscopic state, it may vaporize and expand
which will influence the performance of the product. Therefore, the package is waterproof. Please use the
product following the conditions:
Using Conditions
Classification
Temperature
Humidity
Expiration Date
Remark
Before using
5 to 30ºC
30 to 70%RH
Within 1 year
from Receiving Storage with waterproof package
After opening
package
5 to 30ºC
Below 70%RH
Within 168h Please storing in the airtight container with
our desiccant (silica gel)
Baking
Bake the product in case of below:
The expiration date is passed.
The color of indicator (silica gel) turned from blue to colorless or from green to pink. (Even if the product is
within the expiration date.)
Baking Conditions
Temperature
Time
Humidity
60±3ºC
12 to 24h
Below 20%RH
Remark
Bake products in reel.
Reel and embossed tape are easy to be deformed when baking, so please try not to apply
stress on it.
Recommend bake once.
2.Application Methods
2-1. Precaution for Drive System and Off Mode
Design the circuit without the electric load exceeding the ABSOLUTE MAXIMUM RATING that applies on the
products. If drive by constant voltage, it may cause current deviation of the LED and result in deviation of
luminous intensity, so we recommend to drive by constant current. (Deviation of VF Value will cause deviation of
current in LED.) Furthermore, for off mode, please do not apply voltage neither forward nor reverse. Especially,
for the products with the Ag-paste used in the die bonding, there’s high possibility to cause electro migration
and result in function failure.
2-2. Operation Life Span
There’s possibility for intensity of light drop according to working conditions and environments (applied
current, surrounding temperature and humidity, corrosive gases), please call our Sales staffs for inquiries about
the concerned application below.
Longtime intensity of light life
On mode all the time
2-3.Applied Stress on Product
The top of the LED is very soft, which the silicon resin is used as sealing resin. Therefore, please pay attention
to the overstress on it which may influence its reliability.
2-4.Usage
The Product is LED. We are not responsible for the usage as the diode such as Protection Chip, Rectifier,
Switching and so on.
3. Others
3-1. Surrounding Gas
Notice that if it is stored under the condition of acid gas (chlorine gas, sulfured gas) or alkali gas (ammonia), it
may result in low soldering ability (caused by the change in quality of the plating surface ) or optical
characteristics changes (light intensity, chrominance) and change in quality of die bonding (Ag-paste) materials.
All of the above will cause function failure of the products.
Therefore, please pay attention to the storage environment for mounted product (concern the generated gas of
the surrounding parts of the products and the atmospheric environment).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com