Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL0901UT Datasheet(PDF) 2 Page - Rohm

Part # CSL0901UT
Description  Lens Type LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0901UT Datasheet(HTML) 2 Page - Rohm

  CSL0901UT Datasheet HTML 1Page - Rohm CSL0901UT Datasheet HTML 2Page - Rohm CSL0901UT Datasheet HTML 3Page - Rohm CSL0901UT Datasheet HTML 4Page - Rohm CSL0901UT Datasheet HTML 5Page - Rohm CSL0901UT Datasheet HTML 6Page - Rohm CSL0901UT Datasheet HTML 7Page - Rohm CSL0901UT Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
CSL0901 Series
l
Electrical Characteristics Curves
 
1
10
100
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
0
5
10
15
20
0
10
20
30
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100110
Fig.1 Forward Current - Forward Voltages
FORWARD VOLTAGE : V
F [V]
Fig.2 Luminous Intensity - Forward Current
FORWARD CURRENT : I
F [mA]
Fig.3 Derating
AMBIENT TEMPERATURE : Ta [ºC]
Ta=25ºC
Ta=25ºC
*Cu foil : 1.5mm×25mm t=0.070mm Cathode
PCB:FR4 t=1.6mm
*This data is actual value from specific lot and is not guaranteed
reference
CSL0901VT
CSL0901UT
CSL0901DT
CSL0901YT
CSL0901WT
CSL0901MT
CSL0901PT
CSL0901VT
CSL0901UT
CSL0901DT
CSL0901YT
CSL0901WT
CSL0901MT
CSL0901PT
CSL0901VT
CSL0901UT
CSL0901DT
CSL0901YT
CSL0901WT
CSL0901MT
CSL0901PT
R
θj-s ··· 636ºC/W
R
θj-a ··· 723ºC/W
TjMax ··· 110ºC
2/6
2016.03 - Rev.B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com