Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PML Datasheet(PDF) 1 Page - Rohm

Part # PML
Description  Ultra-low ohmic chip resistors for current detection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PML Datasheet(HTML) 1 Page - Rohm

  PML Datasheet HTML 1Page - Rohm PML Datasheet HTML 2Page - Rohm PML Datasheet HTML 3Page - Rohm PML Datasheet HTML 4Page - Rohm PML Datasheet HTML 5Page - Rohm PML Datasheet HTML 6Page - Rohm PML Datasheet HTML 7Page - Rohm PML Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ultra-low ohmic chip resistors for current detection <Wide terminal type>
PML series
Datasheet
●
Features
1)Ultra low-ohmic resistance range.
2)Wide terminal configuration for high joint reliability.
3)Improved current detection accuracy by trimming-less structure.
4)ROHM resistors have obtained ISO9001 / ISO / TS16949 certification.
●
Products List
Part No.
Size
Rated power
(70℃)
Temperature
coefficient
Resistance
tolerance
Resistance range
Operating
temperature
range
(mm)
(inch)
(W)
(ppm / ℃)
(%)
(mΩ)
(℃)
PML10
2102
0805
0.66
±200
G ( ±2% )
1.0,1.5,2.0,2.5
-55 ~ +155
J ( ±5% )
PML18
3216
1206
1
±150
G ( ±2% )
0.5,1.0,1.5,2.0,2.5
-55 ~ +155
J ( ±5% )
PML50
5025
2010
2
±150
J ( ±5% )
0.5
-55 ~ +155
±100
2.2
☆±200
☆(1.0,1.5,2.0)
PML100
6432
2512
2
(3W at 25℃)
±150
J ( ±5% )
0.5
-55 ~ +155
2
±100
1.0,1.5,2.0,2.2
☆:Under development
*Design and specifications are subject to change without notice.
Carefully check the specification sheet supplied with the product before using or ordering it.
●
●
Part number description
P M L
1 0
E Z P
J
V
1 L 0
Part No.
Size (mm[inch])
Packaging specifications code
Resistance
tolerance
Special
part code
Nominal resistance
PML
(Ultra-low ohmic
chip resistors for
current detection
/ wide terminal
type>)
10(2102 [0805])
Part No.
Code
Packaging
specif ications
Quantity
/ Reel
Resistance code,
3 or 4 digits.
18(3216 [1206])
G ( ±2%)
J ( ±5%)
50(5025 [2010])
PML10
EZP
Paper tape
(4mm pitch)
5,000
Resistance
value(Ω)
Resistance
tolerance
100(6432 [2512])
PML18
EZP
Paper tape
(4mm pitch)
5,000
J
G
0.5mΩ
0L5
0L50
PML50
HZP
Embossed tape
(4mm pitch)
2,000
1mΩ
1L0
1L00
1.5mΩ
1L5
1L50
PML100
HZP
Embossed tape
(4mm pitch)
2,000
2mΩ
2L0
2L00
2.2mΩ
2L2
-
2.5mΩ
2L5
2L50
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
1/4
2017.01 - Rev.D


Similar Part No. - PML

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PML DDK-PML Datasheet
947Kb / 3P
Floating Coaxial Connector
logo
Delta Electronics, Inc.
PML-12V100W1AAA DELTA-PML-12V100W1AAA Datasheet
1Mb / 11P
PMT Panel Mount Power Supply
PML-12V100W1AHA DELTA-PML-12V100W1AHA Datasheet
1Mb / 11P
PMT Panel Mount Power Supply
PML-12V150W1AAA DELTA-PML-12V150W1AAA Datasheet
1Mb / 11P
PMT Panel Mount Power Supply
PML-12V150W1AAB DELTA-PML-12V150W1AAB Datasheet
1Mb / 12P
PMT Panel Mount Power Supply
November 2018, Rev. 03
More results

Similar Description - PML

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR25 ROHM-PMR25 Datasheet
95Kb / 3P
Ultra low ohmic resistors for current detection
PMR50 ROHM-PMR50 Datasheet
98Kb / 3P
Ultra low ohmic resistors for current detection
PMR03 ROHM-PMR03 Datasheet
115Kb / 3P
Ultra low ohmic resistors for current detection
PMR18 ROHM-PMR18 Datasheet
198Kb / 1P
Ultra-low Ohmic Chip Resistors for Current Detection
PMR03 ROHM-PMR03_11 Datasheet
937Kb / 4P
Ultra low ohmic resistors for current detection
PMR10 ROHM-PMR10_10 Datasheet
167Kb / 5P
Ultra-Low Ohmic Resistors for Current Detection
PMR18 ROHM-PMR18_11 Datasheet
151Kb / 4P
Ultra-Low Ohmic Resistors for Current Detection
PMR100-SERIES ROHM-PMR100-SERIES Datasheet
83Kb / 3P
Ultra-low Ohmic Resistors for Current Detection
PMR100HZPFU6L00 ROHM-PMR100HZPFU6L00 Datasheet
83Kb / 3P
Ultra-low Ohmic Resistors for Current Detection
PMR10EZPFU ROHM-PMR10EZPFU Datasheet
431Kb / 5P
Ultra-low Ohmic Chip Resistors for Current Detection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com