Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG9435J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG9435J
Description  P-Ch Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG9435J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG9435J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG9435J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG9435J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SSG9435J
-5.1A, -30V, RDS(ON) 60 mΩ
Ω
Ω
Ω
P-Ch Enhancement Mode Power MOSFET
10-Feb-2017 Rev. C
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Off Characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
-30
-
-
V
VGS=0, ID= -250µA
Zero Gate Voltage Drain Current
IDSS
-
-
-1
µA
VDS= -24V, VGS=0
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0, VGS= ±20V
On Characteristics
1
Gate-Threshold Voltage
VGS(th)
-1
-
-2
V
VDS=VGS, ID= -250µA
-
-
60
VGS= -10V, ID= -4.6A
-
-
70
VGS= -6V, ID= -4.1A
Drain-Source On-Resistance
RDS(ON)
-
-
105
m
VGS= -4.5V,ID= -2 A
Forward Transconductance
gfs
-
5
-
S
VDS= -15V, ID= -4.6A
Dynamic Characteristics
Total Gate Charge
Qg
-
40
-
Gate-Source Charge
Qgs
-
4
-
Gate-Drain Charge
Qgd
-
6.3
-
nC
ID= -4.6A
VDS= -15V
VGS= -10V
Turn-On Delay Time
Td(on)
-
30
-
Rise Time
Tr
-
60
-
Turn-Off Delay Time
Td(off)
-
120
-
Fall Time
Tf
-
100
-
nS
VDD= -15V
ID= -1A
VGEN= -10V
RL=15
RG=6
Gate Resistance
Rg
-
5.8
-
f=1MHz, VDS=VDS=0
Drain-Source Diode Characteristics
Diode Forward Voltage
1
VSD
-
-
-1.2
V
IS= -2.6A, VGS=0
Continuous Drain-Source Diode
Forward Current
IS
-
-
-5.1
A
Pulsed Drain-Source Diode
Forward Current
ISM
-
-
-20
A
Notes:
1.
Pulse Test: Pulse width
≤300µs, duty cycle≤2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com