Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG9971A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG9971A
Description  Dual-N Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG9971A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG9971A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG9971A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG9971A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG9971A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSG9971A
5A, 60V, RDS(ON) 36mΩ
Ω
Ω
Ω
Dual-N Enhancement Mode Power MOSFET
02-Jun-2017 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G
9971ASS
= Date Code
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSG9971A is the highest performance trench
dual N-ch MOSFETs with extreme high cell density,
which provide excellent RDSON and gate charge for
most of the synchronous buck converter applications .
The SSG9971A meet the RoHS and Green Product
requirement with full function reliability approved.
FEATURES
Advanced high cell density Trench technology
Super Low Gate Charge
Green Device Available
MARKING CODE
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
TA=25°C
5
Continuous Drain Current
1@ V
GS=10V
TA=70°C
ID
4
A
Pulsed Drain Current
3
IDM
14
A
Power Dissipation@ TA=25°C
PD
1.5
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
Thermal Resistance Junction-Ambient
1
RθJA
85
°C/W
Thermal Resistance Junction-Ambient
2
RθJA
135
°C/W
Thermal Resistance Junction-Case
1
RΘjc
50
°C/W
SOP-8
G
S
G
S
D
D
D
D
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.79
6.20
H
0.33
0.51
B
4.70
5.11
J
0.375 REF.
C
3.80
4.00
K
45°REF.
D
0°
8°
L
1.3
1.752
E
0.40
1.27
M
0
0.25
F
0.10
0.25
N
0.25 REF.
G
1.27 TYP.


Similar Part No. - SSG9971A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG9971A SECOS-SSG9971A_15 Datasheet
260Kb / 4P
Dual-N Enhancement Mode Power MOSFET
More results

Similar Description - SSG9971A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4228 SECOS-SSG4228 Datasheet
823Kb / 4P
Dual-N Enhancement Mode Power MOSFET
SSG4940N SECOS-SSG4940N Datasheet
150Kb / 2P
Dual-N Enhancement Mode Power MOSFET
SSG4N10E SECOS-SSG4N10E Datasheet
562Kb / 4P
Dual-N Enhancement Mode Power MOSFET
SSG9904 SECOS-SSG9904 Datasheet
485Kb / 4P
Dual-N Enhancement Mode Power MOSFET
SSG4228 SECOS-SSG4228_15 Datasheet
823Kb / 4P
Dual-N Enhancement Mode Power MOSFET
SSG4940N SECOS-SSG4940N_15 Datasheet
112Kb / 2P
Dual-N Enhancement Mode Power MOSFET
SSG4940NC SECOS-SSG4940NC_15 Datasheet
581Kb / 4P
Dual-N Enhancement Mode Power MOSFET
SSG9904 SECOS-SSG9904_15 Datasheet
485Kb / 4P
Dual-N Enhancement Mode Power MOSFET
SSG05N10J SECOS-SSG05N10J Datasheet
244Kb / 3P
Dual-N Enhancement Mode Power MOSFET
SSG4822J SECOS-SSG4822J Datasheet
203Kb / 3P
Dual-N Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com