Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-DN Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-DN
Description  LOWSIDE SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DN Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-DN Datasheet HTML 1Page - IC-Haus GmbH IC-DN Datasheet HTML 2Page - IC-Haus GmbH IC-DN Datasheet HTML 3Page - IC-Haus GmbH IC-DN Datasheet HTML 4Page - IC-Haus GmbH IC-DN Datasheet HTML 5Page - IC-Haus GmbH IC-DN Datasheet HTML 6Page - IC-Haus GmbH IC-DN Datasheet HTML 7Page - IC-Haus GmbH IC-DN Datasheet HTML 8Page - IC-Haus GmbH IC-DN Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
iC-DN
LOWSIDE SWITCH
Rev C1, Page 2/10
DESCRIPTION
iC-DN is a monolithic lowside switch for ohmic, induc-
tive and capacitive loads.
Designed for a wide input voltage range of 4 to 36 V,
it is capable of supplying a minimum output current
of 200 mA. The output acts as a current source with
a low saturation voltage; protection against short-cir-
cuiting is provided by the device shutting down with
excessive temperature. The chip is activated when
the input voltage threshold V(PI)−V(NI) of typically
3.5 V is exceeded.
With four leads, the input (PI, NI) and output (DN,
VN) reference voltages are decoupled. The maximum
permissive voltage difference between NI and VN is
36 V.
PACKAGING INFORMATION
PIN CONFIGURATION
SOT23-6L (JEDEC), 1.6 mm
1
2
3
(<A-CODE> on Bottom Side)
dra_sot23-6l-1_pack_3a, 10:1
<P-CODE>
4
5
6
PIN FUNCTIONS
No. Name Function
1 n.c.
2 VN
Ground, Substrate
3 NI
Input Reference Voltage
4 n.c.
5 PI
Positive Input, Supply
6 DN
Output
PIN CONFIGURATION
UDFN6-1.8x2
1
2
3
4
5
6
<A-CODE>
<P-CODE>
dra_udfn6-18x20_pack_3a, 14:1
PIN FUNCTIONS
No. Name Function
1 NI
Input Reference Voltage
2 VN
Ground, Substrate
3 n.c.
4 DN
Output
5 n.c.
6 PI
Positive Input, Supply



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com