Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-BYTC2 Datasheet(PDF) 2 Page - AAEON Technology

Part # COM-BYTC2
Description  DDR3L SODIMM x 1, up to 8 GB, non-ECC Support
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-BYTC2 Datasheet(HTML) 2 Page - AAEON Technology

  COM-BYTC2 Datasheet HTML 1Page - AAEON Technology COM-BYTC2 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit: mm
Block Diagram
Dimension
Unit: mm
COM-BYTC2
Ordering Information
Part Number
Form Factor
CPU
Memory
Display
LVDS
Storage
LAN
USB
UART
Expansion
Power
Temperature
Other
COM-BYTC2-A10-0001
COM Express Type 2
J1900, 2.0 GHz
DDR3 (Max 8 GB),
SODIMM x 1
CRT, LVDS,
eDP
24bit, 2CH
SATA, PATA x
1
GbE x 1
UBS2.0 x 7
—
PCIe[x1] x2(up to 3), PCI +12V (ATX) 0˚C ~ 60˚C
LPC,GPIO 8Bit, HDA, I2C,
SMBus
COM-BYTC2-A10-0002
COM Express Type 2
E3845, 1.91 GHz
DDR3 (Max 8 GB),
SODIMM x 1
CRT, LVDS,
eDP
24bit, 2CH
SATA, PATA x
1
GbE x 1
UBS2.0 x 7
—
PCIe[x1] x2(up to 3), PCI +12V (ATX) 0˚C ~ 60˚C
LPC,GPIO 8Bit, HDA, I2C,
SMBus
Ordering Information
DDR3L SO-DIMM
Channel A
USB 2.0 * 3
PCIe [x 1] * 1
DDI1
TYPE 2
RGB
ITE
IT8528
GPIO
SMBus
SPI
LPC
COM Port * 2
Intel ®
GbE Ethernet
i210
GBE
DDI0
DDI
Switch
Intel®
Processor
Atom™ E3800
Celeron®
N2900
18/24bit LVDS
PCIe [x1] * 2
USB2.0 * 1
USB
HUB
USB2.0 * 4
NXP
DP to LVDS
PTN3460
SATA * 1
I2C
BIOS
SPI
TPM
DDI
Switch
eDP
SATA to PATA
JMD330
PCIe to PCI
IT8892E
PCIe *1
PCI
SATA * 1
IDE
COM-FAN02
06-15
06-16
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com