Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WEBWR1304FZGS-1-D Datasheet(PDF) 3 Page - DDK Ltd.

Part # WEBWR1304FZGS-1-D
Description  Waterproof Circular Connectors for Solder Terminations Meeting IP67
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

WEBWR1304FZGS-1-D Datasheet(HTML) 3 Page - DDK Ltd.

  WEBWR1304FZGS-1-D Datasheet HTML 1Page - DDK Ltd. WEBWR1304FZGS-1-D Datasheet HTML 2Page - DDK Ltd. WEBWR1304FZGS-1-D Datasheet HTML 3Page - DDK Ltd. WEBWR1304FZGS-1-D Datasheet HTML 4Page - DDK Ltd. WEBWR1304FZGS-1-D Datasheet HTML 5Page - DDK Ltd. WEBWR1304FZGS-1-D Datasheet HTML 6Page - DDK Ltd. WEBWR1304FZGS-1-D Datasheet HTML 7Page - DDK Ltd. WEBWR1304FZGS-1-D Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Unit:mm
http://www.ddknet.co.jp
WEB Series
3
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○ WEBSP (Straight Plug)
Shell
Size
Number
of
Contacts
Part Number
A(max.) B(max.)
C
φD
φE
J
Applicable Cable
Size
13
3
WEBSP1303□□□-1-D
73
90
27.2
9.0
25.5
19.0
7.0 ~ 9.0
5
WEBSP1305□□□-1-D
16
7
WEBSP1607□□□-2-D
29.4
10.5
29.5
22.2
8.0 ~ 10.5
10
WEBSP1610□□□-2-D
21
4
WEBSP2104□□□-1-D
31.8
14.1
33.5
26.7
10.5 ~ 14.1
4
WEBSP2104□□□-2-D
11.0
8.5 ~ 11.0
4
WEBSP2104□□□-3-D
8.7
6.5 ~ 8.7
7
WEBSP2107□□□-1-D
14.1
10.5 ~ 14.1
7
WEBSP2107□□□-2-D
11.0
8.5 ~ 11.0
7
WEBSP2107□□□-3-D
8.7
6.5 ~ 8.7
10
WEBSP2110□□□-1-D
14.1
10.5 ~ 14.1
10
WEBSP2110□□□-2-D
11.0
8.5 ~ 11.0
10
WEBSP2110□□□-3-D
8.7
6.5 ~ 8.7
16
WEBSP2116□□□-1-D
14.1
10.5 ~ 14.1
16
WEBSP2116□□□-2-D
11.0
8.5 ~ 11.0
16
WEBSP2116□□□-3-D
8.7
6.5 ~ 8.7
19
WEBSP2119□□□-1-D
14.1
10.5 ~ 14.1
19
WEBSP2119□□□-2-D
11.0
8.5 ~ 11.0
19
WEBSP2119□□□-3-D
8.7
6.5 ~ 8.7
25
16
WEBSP2516□□□-1-D
37.0
16.0
37.4
30.0
12.5 ~ 16.0
16
WEBSP2516□□□-2-D
13.0
9.5 ~ 13.0
16
WEBSP2516□□□-3-D
10.0
6.8 ~ 10.0
16
WEBSP2516□□□-7-D
17.0
15.0 ~ 17.0
24
WEBSP2524□□□-1-D
16.0
12.5 ~ 16.0
24
WEBSP2524□□□-2-D
13.0
9.5 ~ 13.0
24
WEBSP2524□□□-3-D
10.0
6.8 ~ 10.0
24
WEBSP2524□□□-7-D
17.0
15.0 ~ 17.0
28
WEBSP2528□□□-1-D
16.0
12.5 ~ 16.0
28
WEBSP2528□□□-2-D
13.0
9.5 ~ 13.0
28
WEBSP2528□□□-3-D
10.0
6.8 ~ 10.0
28
WEBSP2528□□□-7-D
17.0
15.0 ~ 17.0
32
WEBSP2532□□□-1-D
16.0
12.5 ~ 16.0
32
WEBSP2532□□□-2-D
13.0
9.5 ~ 13.0
32
WEBSP2532□□□-3-D
10.0
6.8 ~ 10.0
32
WEBSP2532□□□-7-D
17.0
15.0 ~ 17.0
B
A
1
3
47
8
12
13
16
17
19
021-019
X
Y
Z
J:Width of two gripping
sufaces for wrench
WEBSP2524M □ G -1-D
① Connector Style
SP:Straight Plug
② Shell Size
13, 16, 21 and 25
③ Number of Contacts
03, 04, 05, 07, 10, 16, 19, 24, 28 and 32
④ Contact Style
M : Male Contact(Pin)
F : Female Contact(Socket)
⑤ Alternate Insert
Position
Omit : Standard Position
X, Y, Z : Alternate Insert Position
⑥ Contact Plating
Omit : Silver Plating (Standard)
G : Gold Plating
⑦ Bushing Size
Refer to the following table
⑧ Finish
D:Trivalent Chromium Treatment(Black)
①②
③ ④ ⑤ ⑥ ⑦ ⑧



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com