Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMBM-H81B Datasheet(PDF) 2 Page - AAEON Technology

Part # IMBM-H81B
Description  Two Independent Display: VGA x 1, DVI-I Port x 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

IMBM-H81B Datasheet(HTML) 2 Page - AAEON Technology

  IMBM-H81B Datasheet HTML 1Page - AAEON Technology IMBM-H81B Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-63
10-64
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.
Block Diagram
Dimension
Unit: mm
IMBM-H81B
Ordering Information
Part number
CPU
RAM
Fan/Fanless
Display
Storage
LVDS
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
TPM
Temp.
IMBM-H81B-A10
LGA1150 Socket
DDR3 1600
Fan
VGA x 1, DVI-I x 1
SATA3 x 2,
SATA2 x 2
—
GbE x 2
USB3.0 x 6,
USB2.0 x 8
9
1
PCIe[x16] x 1, PCIe[x1] x 2
ATX
—
32°F ~ 140°F
(0°C ~ 60°C)
Intel® H81
Express chipset
(Intel® DH82H81 PCH)
Intel® Processor
Haswell
LGA1150 Socket
DMI
F81216HD
FDI
VGA
2 x SATA 3.0
SPI
8 x USB 2.0
LPC
6 Gpbs
2 x SATA 2.0
3 Gpbs
PCIe
2 x USB3.0/2.0
COM 7~10
480Mb/s
2 x USB 3.0/2.0
RGB
PCIe
2 x LAN RTL8111G
ASM1042A
24 MHz
Audio
ALC887
2 x RJ45
PCIe
Channel A
DDR3 DIMM 1600/1333MHz
Channel B
DDR3 DIMM 1600/1333MHz
PCI-E [x16] Gen III
VRD 12.5
Port B
ASM1442
DVI
DVI-I
Port C
RTD2168
RGB
5Gb/s
PCIe
2 x PCI-E [x1]
PCIe
2 x USB3.0/2.0
ASM1042A
480Mb/s
SPI flash
Line in, Line out, Mic in
AAFP
SIO
F81866D
FAN1~3
PS/2
KB/MS
COM1 (w/ 5V, 12V, RS-232/422/485)
& COM2 (w/ 5V, 12V) & COM 3~6
HW
Monitor
DIO
8-BIT
Watch
dog



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com