Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESK476M350AM7AA Datasheet(PDF) 1 Page - Kemet Corporation

Part # ESK476M350AM7AA
Description  Aluminum Electrolytic, 85C, ESK, 47 uF, 20%, 350 V, -25/85C, Lead Spacing = 7.5mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESK476M350AM7AA Datasheet(HTML) 1 Page - Kemet Corporation

  ESK476M350AM7AA Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - a7d32ec4-b482-478e-8da6-d57abf74ffb6
KEMET Part Number: ESK476M350AM7AA
Aluminum Electrolytic, 85C, ESK, 47 uF, 20%, 350 V, -25/+85C, Lead Spacing = 7.5mm
D
L
LL+
LL-
S
F(d)
Dimensions
D
16mm +/-0.5mm
L
25mm +2mm
S
7.5mm +/-0.5mm
LL Negative
15mm MIN
LL Positive
20mm MIN
F
0.8mm NOM
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 1000
General Information
Dielectric: Aluminum Electrolytic
Series: ESK
Description: Single Ended, Aluminum
Electrolytic
RoHS: Yes
Lead: Wire Leads
Specifications
Capacitance: 47 uF
Capacitance Tolerance: 20%
Voltage DC: 350 VDC, 400 VDC (Surge)
Temperature Range: -25/+85C
Rated Temperature: 85C
Life: 2000 Hrs
Dissipation Factor: 24% 120Hz 20C
Current: 220 mAmps (120Hz 85C)
Leakage Current: 503.5 uA (2min 20C)
Impedance Ratio at -25C: 10
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - ESK476M350AM7AA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESK476M010AC3AA KEMET-ESK476M010AC3AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 47 uF, 20%, 10 V, -40/85C, Lead Spacing = 2mm
ESK476M016AC3AA KEMET-ESK476M016AC3AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 47 uF, 20%, 16 V, -40/85C, Lead Spacing = 2mm
ESK476M025AC3AA KEMET-ESK476M025AC3AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 47 uF, 20%, 25 V, -40/85C, Lead Spacing = 2mm
ESK476M025AC3FA KEMET-ESK476M025AC3FA Datasheet
125Kb / 1P
ESK, Aluminum Electrolytic, 85C, 47 uF, 20%, 25 V, -40/85C, Lead Spacing = 2.5mm
ESK476M035AC3AA KEMET-ESK476M035AC3AA Datasheet
76Kb / 1P
ESK, Aluminum Electrolytic, 85C, 47 uF, 20%, 35 V, -40/85C, Lead Spacing = 2mm
More results

Similar Description - ESK476M350AM7AA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESK226M450AM7AA KEMET-ESK226M450AM7AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 22 uF, 20%, 450 V, -25/85C, Lead Spacing = 7.5mm
ESK227M160AM2AA KEMET-ESK227M160AM2AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 220 uF, 20%, 160 V, -25/85C, Lead Spacing = 7.5mm
ESK107M160AM7AA KEMET-ESK107M160AM7AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 100 uF, 20%, 160 V, -25/85C, Lead Spacing = 7.5mm
ESK107M350AN2AA KEMET-ESK107M350AN2AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 100 uF, 20%, 350 V, -25/85C, Lead Spacing = 7.5mm
ESK107M400AN2AA KEMET-ESK107M400AN2AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 100 uF, 20%, 400 V, -25/85C, Lead Spacing = 7.5mm
ESK337M160AN2AA KEMET-ESK337M160AN2AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 330 uF, 20%, 160 V, -25/85C, Lead Spacing = 7.5mm
ESK476M450AN2AA KEMET-ESK476M450AN2AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 47 uF, 20%, 450 V, -25/85C, Lead Spacing = 7.5mm
ESK478M025AM2AA KEMET-ESK478M025AM2AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 4700 uF, 20%, 25 V, -40/85C, Lead Spacing = 7.5mm
ESK686M400AM2AA KEMET-ESK686M400AM2AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 68 uF, 20%, 400 V, -25/85C, Lead Spacing = 7.5mm
ESK688M025AN2AA KEMET-ESK688M025AN2AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 6800 uF, 20%, 25 V, -40/85C, Lead Spacing = 7.5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com