Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1200108 Datasheet(PDF) 2 Page - SICK AG

Part # 1200108
Description  MULTIPLE LIGHT BEAM SAFETY DEVICES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1200108 Datasheet(HTML) 2 Page - SICK AG

  1200108 Datasheet HTML 1Page - SICK AG 1200108 Datasheet HTML 2Page - SICK AG 1200108 Datasheet HTML 3Page - SICK AG 1200108 Datasheet HTML 4Page - SICK AG 1200108 Datasheet HTML 5Page - SICK AG 1200108 Datasheet HTML 6Page - SICK AG 1200108 Datasheet HTML 7Page - SICK AG 1200108 Datasheet HTML 8Page - SICK AG 1200108 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
M40S-043013AA0, M40E-043013RB0 | M4000 Advanced
MULTIPLE LIGHT BEAM SAFETY DEVICES
Ordering information
System part
Type
Part no.
Sender
M40S-043013AA0
1200080
Receiver
M40E-043013RB0
1200108
Other models and accessories
www.sick.com/M4000_Advanced
Detailed technical data
Features
Scanning range
0.5 m ... 70 m, configurable
Low scanning range
0.5 m ... 20 m
Great scanning range
9 m ... 70 m
Number of beams
4
Beam separation
300 mm
Response time
10 ms
Synchronization
Optical synchronisation
Integrated laser alignment aid
✔
Safety-related parameters
Type
Type 4 (IEC 61496)
Safety integrity level
SIL3 (IEC 61508)
SILCL3 (EN 62061)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
6.6 x 10-9 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Safe state in the event of a fault
At least one OSSD is in the OFF state.
Functions
Functions
Delivery status
Restart interlock
✔
Internal
External device monitoring (EDM)
✔
Activated
Beam coding
✔
Uncoded
Sender test
✔
Deactivated
Configurable scanning range
✔
0.5 m ... 20 m
Configurable application diagnostic output
✔
Contamination (OWS)
2
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-08-24 18:11:25
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com